Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX111BEPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX111BEPE
Description  Low-Cost, 2-Channel, 짹14-Bit Serial ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX111BEPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX111BEPE Datasheet HTML 1Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 2Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 3Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 4Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 5Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 6Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 7Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 8Page - Maxim Integrated Products MAX111BEPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Cost, 2-Channel, ±14-Bit Serial ADCs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
VDD to GND ...........................................................................+6V
VSS to GND (MAX110)..............................................+0.3V to -6V
AGND to DGND.....................................................-0.3V to +0.3V
VIN1+, VIN1- ......................................(VDD + 0.3V) to (VSS - 0.3V)
VIN2+, VIN2- ......................................(VDD + 0.3V) to (VSS - 0.3V)
VREF+, VREF- ....................................(VDD + 0.3V) to (VSS - 0.3V)
Digital Inputs and Outputs .........................(VDD + 0.3V) to -0.3V
Continuous Power Dissipation
16-Pin Plastic DIP (derate 10.53mW/°C above +70°C).....842mW
16-Pin Wide SO (derate 9.52mW/°C above +70°C) ......762mW
20-Pin SSOP (derate 8.00mW/°C above +70°C) ...........640mW
16-Pin CERDIP (derate 10.00mW/°C above +70°C)......800mW
Operating Temperature Ranges
MAX11_ _C_ _......................................................0°C to +70°C
MAX11_ _E_ _ ...................................................-40°C to +85°C
MAX11_BMJE .................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS—MAX110
(VDD = 5V ±5%, VSS = -5V ±5%, fXCLK = 1MHz,
÷ 2 mode (DV2 = 1), 81,920 CLK cycles/conv, VREF+ = 1.5V, VREF- = -1.5V,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
LSB
nA
500
CONDITIONS
IIN+, IIN-
Input Bias Current
(Note 3)
pF
10
-0.83 x VREF ≤ VIN ≤ 0.83 x VREF
-VREF ≤ VIN ≤ VREF
-0.83 x VREF ≤ VIN ≤ 0.83 x VREF
Input Capacitance
-VREF ≤ VIN ≤ VREF
V
VSS +VDD -
2.25
2.25
VIN+,
VIN-
Absolute Input Voltage
Range
V
-VREF
+VREF
VIN
Differential Input Voltage
Range
ppm
30
Power-Supply Rejection
15
ppm/°C
8
Full-Scale Error
Temperature Drift
%
±0.1
µV/°C
0.003
Offset Error
Temperature Drift
(Note 6)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mV
±4
Offset Error
±0.018
±0.03
±0.06
±0.015
±0.03
±0.04
VIN+ = VIN- = 0V
MAX110BC/E
MAX110AC/E
After gain calibration (Note 5)
After offset null
VSS = -5V, VDD = 4.75V to 5.25V
VDD = 5V, VSS = -4.75V to -5.25V
(Notes 3, 4)
±2
DNL
Differential Nonlinearity
ppm/V
6
CMRR
Common-Mode Rejection
Ratio
-2.5V
≤ (VIN+ = VIN-) ≤ 2.5V
Uncalibrated
-8
0
Full-Scale Error
Uncalibrated
0.02
-VREF ≤ VIN ≤ VREF
-0.83 x VREF ≤ VIN ≤ 0.83 x VREF
%FSR
INL
Relative Accuracy
(Notes 3, 5–7)
±0.1
±0.05
MAX110BM
(Note 2)
14 + POL
+ OFL
RES
Resolution
Bits
No-Missing-Codes
Resolution
(Note 3)
13 + POL
+ OFL
Bits
ACCURACY (Note 1)
ANALOG INPUTS


Similar Part No. - MAX111BEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX111 MAXIM-MAX111 Datasheet
685Kb / 19P
   Convenient Test Points Provided On-Board
Rev 1a; 8/05
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
127Kb / 8P
   Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results

Similar Description - MAX111BEPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1108 MAXIM-MAX1108 Datasheet
185Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
19-1399; Rev 0; 10/98
MAX1108 MAXIM-MAX1108_03 Datasheet
326Kb / 20P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
Rev 1; 6/03
MAX1117 MAXIM-MAX1117 Datasheet
406Kb / 14P
   Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com