Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25D08QA Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F25D08QA
Description  Fast Read for SPI mode
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25D08QA Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F25D08QA_1 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25D08QA_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 69 page
background image
ESMT
F25D08QA
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul. 2013
Revision: 1.1
3/69
PIN CONFIGURATIONS
8-Lead SOIC / 8-Lead VSOP
(SOIC 8L, 150mil Body, 1.27mm Pin Pitch)
(SOIC 8L, 208mil Body, 1.27mm Pin Pitch)
(SOIC 8L, 150mil Body with thickness 0.88mm, 1.27mm Pin Pitch)
1
2
3
4
8
7
6
5
CE
SO / SIO1
WP / SIO2
VSS
VDD
HOLD / SIO3
SCK
SI/SIO0
8- Contact WSON
(WSON 8C, 6mmX5mm Body, 1.27mm Contact Pitch)
1
2
3
4
8
7
6
5
CE
SO / SIO1
VSS
WP / SIO2
VDD
HOLD / SIO3
SCK
SI/SIO0


Similar Part No. - F25D08QA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25D64QA ESMT-F25D64QA_1 Datasheet
502Kb / 63P
   All Pb-free products are RoHS-Compliant
More results

Similar Description - F25D08QA_1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64 ATMEL-AT28C64_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
List of Unclassifed Man...
FT25H16 ETC2-FT25H16 Datasheet
1Mb / 48P
   Quad Output Fast Read
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
logo
STMicroelectronics
STM32F765XX STMICROELECTRONICS-STM32F765XX Datasheet
3Mb / 255P
   Dual mode Quad-SPI
December 2016 Rev 4
logo
Winbond
W25N01GVZEIT-TR WINBOND-W25N01GVZEIT-TR Datasheet
933Kb / 68P
   3V 1G-BIT SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ
logo
STMicroelectronics
STM32F777XX STMICROELECTRONICS-STM32F777XX Datasheet
3Mb / 255P
   Dual mode Quad-SPI
December 2016 Rev 4
STM32F732XX STMICROELECTRONICS-STM32F732XX Datasheet
1Mb / 122P
   Dual mode Quad-SPI
September 2016 Rev 1
logo
Maxim Integrated Produc...
MAXQ1061-KIT MAXIM-MAXQ1061-KIT Datasheet
57Kb / 1P
   Toggle Switches for TLS/AES-SPI Mode and Remote/Local Mode Selection
4-25-2017
logo
Rohm
BH6628AFS ROHM-BH6628AFS Datasheet
282Kb / 14P
   Read / Write amplifier for FDD
logo
Pepperl+Fuchs Inc.
U-P6-B5 PF-U-P6-B5 Datasheet
350Kb / 2P
   Base for read/write station
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com