Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25D64QA Datasheet(PDF) 2 Page - Elite Semiconductor Memory Technology Inc.

Part # F25D64QA
Description  All Pb-free products are RoHS-Compliant
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25D64QA Datasheet(HTML) 2 Page - Elite Semiconductor Memory Technology Inc.

  F25D64QA_1 Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25D64QA_1 Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
ESMT
F25D64QA
Elite Semiconductor Memory Technology Inc.
Publication Date: Aug. 2013
Revision: 1.1
2/63
GENERAL DESCRIPTION
The F25D64QA is a 64 Megabit, 1.8V only CMOS Serial Flash
memory device. The device supports the standard Serial
Peripheral Interface (SPI), a Dual/Quad SPI and QPI. ESMT’s
memory devices reliably store memory data even after 100,000
programming and erase cycles.
The memory array can be organized into 32,768 programmable
pages of 256 byte each. 1 to 256 byte can be programmed at a
time with the Page Program instruction.
The device features sector erase architecture. The memory array
is divided into 2,048 uniform sectors with 4K byte each; 256
uniform blocks with 32K byte each; 128 uniform blocks with 64K
byte each. Sectors can be erased individually without affecting
the data in other sectors. Blocks can be erased individually
without affecting the data in other blocks. Whole chip erase
capabilities provide the flexibility to revise the data in the device.
The device has Sector, Block or Chip Erase but no page erase.
The sector protect/unprotect feature disables both program and
erase operations in any combination of the sectors of the
memory.
FUNCTIONAL BLOCK DIAGRAM
Memory
Array
Serial Interface
CE
SCK
SI
(SIO0)
WP
(SIO2)
SO
(SIO1)
HOLD
(SIO3)
Command and Conrol Logic
Page Buffer
Y-Decoder
Byte Address
Latch / Counter
Status
Register
High Voltage
Generator
Page Address
Latch / Counter


Similar Part No. - F25D64QA_1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25D08QA ESMT-F25D08QA_1 Datasheet
630Kb / 69P
   Fast Read for SPI mode
More results

Similar Description - F25D64QA_1

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI596 SILABS-SI596 Datasheet
328Kb / 12P
   Pb-free/RoHS-compliant
logo
ECS, Inc.
ECS-2018-500-BN ECS-ECS-2018-500-BN Datasheet
629Kb / 2P
   Pb Free/RoHS Compliant
logo
COSMO Electronics Corp...
KT1000 COSMO-KT1000 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1010 COSMO-KT1010 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
KT1600 COSMO-KT1600 Datasheet
196Kb / 8P
   Pb free and RoHS compliant
logo
M/A-COM Technology Solu...
MAFL-011057 MA-COM-MAFL-011057 Datasheet
223Kb / 6P
   RoHS Compliant and Pb free
logo
Abracon Corporation
ALFB-01 ABRACON-ALFB-01 Datasheet
535Kb / 1P
   RoHS compliant and Pb free
10.30.13
logo
COSMO Electronics Corp...
KT1200 COSMO-KT1200 Datasheet
159Kb / 8P
   Pb free and RoHS compliant
KTLP160J COSMO-KTLP160J_13 Datasheet
129Kb / 6P
   Pb free and RoHS compliant
KTLP161J COSMO-KTLP161J_13 Datasheet
130Kb / 6P
   Pb free and RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com