Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L08QA-2S Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L08QA-2S
Description  Single supply voltage 2.7~3.6V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L08QA-2S Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  F25L08QA-2S Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L08QA-2S Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
ESMT
F25L08QA (2S)
Elite Semiconductor Memory Technology Inc.
Publication Date: Nov. 2013
Revision: 1.2
1/43
Flash
8 Mbit Serial Flash Memory
with Dual and Quad
FEATURES
Single supply voltage 2.7~3.6V
Standard, Dual and Quad SPI
Speed
- Read max frequency: 33MHz
- Fast Read max frequency: 50MHz / 86MHz / 100MHz
- Fast Read Dual/Quad max frequency: 50MHz / 86MHz /
100MHz
(100MHz / 172MHz / 200MHz equivalent Dual SPI;
200MHz / 344MHz / 400MHz equivalent Quad SPI)
Low power consumption
- Active current: 25 mA (max.)
- Standby current: 25 μ A (max.)
- Deep Power Down current: 10 μ A (max.)
Reliability
- 100,000 typical program/erase cycles
- 20 years Data Retention
Program
- Page programming time: 1.5 ms (typical)
Erase
- Chip Erase time 7 sec (typical)
- 64K bytes Block Erase time 0.75 sec (typical)
- 32K bytes Block Erase time 500 ms (typical)
- 4K bytes Sector Erase time 90 ms (typical)
Page Programming
- 256 byte per programmable page
Lockable 512 bytes OTP security sector
SPI Serial Interface
- SPI Compatible: Mode 0 and Mode 3
End of program or erase detection
Write Protect ( WP )
Hold Pin ( HOLD )
All Pb-free products are RoHS-Compliant
ORDERING INFORMATION
Product ID
Speed
Package
Comments
F25L08QA –50PG2S
50MHz
F25L08QA –86PG2S
86MHz
F25L08QA –100PG2S
100MHz
8-lead
SOIC
150 mil
Pb-free
F25L08QA –50PAG2S
50MHz
F25L08QA –86PAG2S
86MHz
F25L08QA –100PAG2S
100MHz
8-lead
SOIC
200 mil
Pb-free
F25L08QA –50HG2S
50MHz
F25L08QA –86HG2S
86MHz
F25L08QA –100HG2S
100MHz
8-contact
WSON
6x5 mm
Pb-free


Similar Part No. - F25L08QA-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08PA ESMT-F25L08PA Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA ESMT-F25L08PA Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100DG ESMT-F25L08PA-100DG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100DIG ESMT-F25L08PA-100DIG Datasheet
494Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
F25L08PA-100PAG ESMT-F25L08PA-100PAG Datasheet
493Kb / 32P
   3V Only 8 Mbit Serial Flash Memory with Dual
More results

Similar Description - F25L08QA-2S

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
   Single supply voltage 2.7~3.6V
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
F25L02PA ESMT-F25L02PA Datasheet
441Kb / 35P
   Single supply voltage 2.7~3.6V
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F25L04PA ESMT-F25L04PA Datasheet
341Kb / 34P
   Single supply voltage 2.3~3.6V
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
   Voltage Supply: 2.6V ~ 3.6V
logo
Maxim Integrated Produc...
MAX7044EVKIT MAXIM-MAX7044EVKIT Datasheet
6Mb / 32P
   Single Input Voltage Supply from 2.1V to 3.6V
Rev 3; 6/21
logo
Elite Semiconductor Mem...
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com