Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP6690DPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRGP6690DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP6690DPBF Datasheet(HTML) 2 Page - International Rectifier

  IRGP6690DPBF Datasheet HTML 1Page - International Rectifier IRGP6690DPBF Datasheet HTML 2Page - International Rectifier IRGP6690DPBF Datasheet HTML 3Page - International Rectifier IRGP6690DPBF Datasheet HTML 4Page - International Rectifier IRGP6690DPBF Datasheet HTML 5Page - International Rectifier IRGP6690DPBF Datasheet HTML 6Page - International Rectifier IRGP6690DPBF Datasheet HTML 7Page - International Rectifier IRGP6690DPBF Datasheet HTML 8Page - International Rectifier IRGP6690DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
IRGP6690DPbF/IRGP6690D-EPbF
2
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 100µA 
ΔV(BR)CES/ΔTJ Temperature Coeff. of Breakdown Voltage
0.55
V/°C VGE = 0V, IC = 3mA (25°C-175°C)
VCE(on)
Collector-to-Emitter Saturation Voltage
1.65
1.95
IC = 75A, VGE = 15V, TJ = 25°C
2.10
IC = 75A, VGE = 15V, TJ = 175°C
VGE(th)
Gate Threshold Voltage
4.0
6.5
V
VCE = VGE, IC = 2.1mA
ΔVGE(th)/ΔTJ
Threshold Voltage Temperature Coeff.
-19
mV/°C VCE = VGE, IC = 2.1mA (25°C-175°C)
gfe
Forward Transconductance
50
S
VCE = 50V, IC = 75A, PW = 20µs
ICES
Collector-to-Emitter Leakage Current
1.5
100
µA
VGE = 0V, VCE = 600V
1.4
VGE = 0V, VCE = 600V, TJ = 175°C
IGES
Gate-to-Emitter Leakage Current
±200
nA
VGE = ±20V
VFM
2.3
3.3
V
IF = 18A
1.5
IF = 18A, TJ = 175°C
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max
Units
Conditions
Qg
Total Gate Charge
140
nC
IC = 75A
Qge
Gate-to-Emitter Charge
40
VGE = 15V
Qgc
Gate-to-Collector Charge
60
VCC = 400V
Eon
Turn-On Switching Loss
2.4
mJ
IC = 75A, VCC = 400V, VGE=15V
RG = 10
Ω, L = 400µH, TJ = 25°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
2.2
Etotal
Total Switching Loss
4.6
td(on)
Turn-On delay time
85
ns
tr
Rise time
86
td(off)
Turn-Off delay time
222
tf
Fall time
53
Eon
Turn-On Switching Loss
3.1
mJ
IC = 75A, VCC = 400V, VGE=15V
RG = 10
Ω, L = 400µH, TJ = 175°C
Energy losses include tail & diode
reverse recovery 
Eoff
Turn-Off Switching Loss
2.8
Etotal
Total Switching Loss
5.9
td(on)
Turn-On delay time
67
ns
tr
Rise time
92
td(off)
Turn-Off delay time
227
tf
Fall time
78
Cies
Input Capacitance
4720
VGE = 0V
Coes
Output Capacitance
270
pF
VCC = 30V
Cres
Reverse Transfer Capacitance
140
f = 1.0MHz
RBSOA
Reverse Bias Safe Operating Area
TJ = 175°C, IC = 300A
FULL SQUARE
VCC = 480V, Vp ≤ 600V
VGE = +20V to 0V
SCSOA
Short Circuit Safe Operating Area
5
µs
TJ = 150°C,VCC = 400V, Vp ≤ 600V
VGE = +15V to 0V
Erec
Reverse Recovery Energy of the Diode
210
µJ
TJ = 175°C
trr
Diode Reverse Recovery Time
90
ns
VCC = 400V, IF = 18A
Irr
Peak Reverse Recovery Current
26
A
VGE = 15V, Rg = 10
Ω
Diode Forward Voltage Drop
2.05
IC = 75A, VGE = 15V, TJ = 150°C
V
mA
Notes:
VCC = 80% (VCES), VGE = 20V, L = 400µH, RG = 10
Ω.
Rθ is measured at TJ of approximately 90°C.
Refer to AN-1086 for guidelines for measuring V(BR)CES safely.
Pulse width limited by max. junction temperature.
Values influenced by parasitic L and C in measurement.
fsw =40KHz, refer to figure 26.


Similar Part No. - IRGP6690DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP6630DPBF IRF-IRGP6630DPBF Datasheet
692Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP6630DPBF IRF-IRGP6630DPBF_15 Datasheet
692Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP6640DPBF IRF-IRGP6640DPBF Datasheet
698Kb / 13P
   H Bridge Converters
IRGP6650DPBF IRF-IRGP6650DPBF Datasheet
681Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
IRGP6650DPBF IRF-IRGP6650DPBF_15 Datasheet
681Kb / 13P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
More results

Similar Description - IRGP6690DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com