Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F25L64QA Datasheet(PDF) 3 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L64QA
Description  Standard, Dual and Quad SPI
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L64QA Datasheet(HTML) 3 Page - Elite Semiconductor Memory Technology Inc.

  F25L64QA Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L64QA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
ESMT
F25L64QA
Elite Semiconductor Memory Technology Inc.
Publication Date: Sep. 2014
Revision: 1.6
3/42
PIN CONFIGURATIONS
8-Lead SOIC / 8-Lead VSOP
(SOIC 8L, 208mil Body, 1.27mm Pin Pitch)
(SOIC 8L, 208mil Body with thickness 1.0mm, 1.27mm Pin Pitch)
1
2
3
4
8
7
6
5
CE
SO / SIO1
WP / SIO2
VSS
VDD
HOLD / SIO3
SCK
SI/SIO0
16-Lead SOIC
(SOIC 16L, 300mil Body, 1.27mm Pin Pitch)
1
2
3
4
16
15
14
13
NC
VDD
HOLD / SIO3
SCK
SI/SIO0
5
6
7
8
12
11
10
9
CE
SO / SIO1
WP / SIO2
VSS
NC
NC
NC
NC
NC
NC
NC


Similar Part No. - F25L64QA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L004A ESMT-F25L004A Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A ESMT-F25L004A Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L004A-100DG ESMT-F25L004A-100DG Datasheet
379Kb / 32P
   4Mbit (512Kx8) 3V Only Serial Flash Memory
F25L004A-100DG ESMT-F25L004A-100DG Datasheet
422Kb / 30P
   3V Only 4 Mbit Serial Flash Memory
F25L004A-100DIG ESMT-F25L004A-100DIG Datasheet
565Kb / 33P
   3V Only 4 Mbit Serial Flash Memory Operation Temperature Condition -40째C ~85째C
More results

Similar Description - F25L64QA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F765XX STMICROELECTRONICS-STM32F765XX Datasheet
3Mb / 255P
   Dual mode Quad-SPI
December 2016 Rev 4
STM32F777XX STMICROELECTRONICS-STM32F777XX Datasheet
3Mb / 255P
   Dual mode Quad-SPI
December 2016 Rev 4
STM32F732XX STMICROELECTRONICS-STM32F732XX Datasheet
1Mb / 122P
   Dual mode Quad-SPI
September 2016 Rev 1
logo
Winbond
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q16BV WINBOND-W25Q16BV Datasheet
2Mb / 68P
   16M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q64BV WINBOND-W25Q64BV Datasheet
1Mb / 61P
   64M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV_13 Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WIT DUAL AND QUAD SPI
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
   32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
   8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com