Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX118 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX118
Description  5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX118 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX118 Datasheet HTML 1Page - Maxim Integrated Products MAX118 Datasheet HTML 2Page - Maxim Integrated Products MAX118 Datasheet HTML 3Page - Maxim Integrated Products MAX118 Datasheet HTML 4Page - Maxim Integrated Products MAX118 Datasheet HTML 5Page - Maxim Integrated Products MAX118 Datasheet HTML 6Page - Maxim Integrated Products MAX118 Datasheet HTML 7Page - Maxim Integrated Products MAX118 Datasheet HTML 8Page - Maxim Integrated Products MAX118 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX114/MAX118 are microprocessor-compatible,
8-bit, 4-channel and 8-channel analog-to-digital con-
verters (ADCs). They operate from a single +5V supply
and use a half-flash technique to achieve a 660ns con-
version time (1Msps). A power-down (
PWRDN) pin
reduces current consumption typically to 1µA. The
devices return from power-down mode to normal oper-
ating mode in less than 200ns, allowing large supply-
current reductions in burst-mode applications (in burst
mode, the ADC wakes up from a low-power state at
specified intervals to sample the analog input signals).
Both converters include a track/hold, enabling the ADC
to digitize fast analog signals.
Microprocessor (µP) interfaces are simplified because the
ADC can appear as a memory location or I/O port without
external interface logic. The data outputs use latched,
three-state buffer circuitry for direct connection to an 8-bit
parallel µP data bus or system input port. The
MAX114/MAX118 input/reference configuration enables
ratiometric operation.
The 4-channel MAX114 is available in a 24-pin DIP or
SSOP. The 8-channel MAX118 is available in a 28-pin
DIP or SSOP. For +3V applications, refer to the
MAX113/MAX117 data sheet.
________________________Applications
High-Speed DSP
Remote Data Acquisition
Portable Equipment
Communications Systems
____________________________Features
o Single +5V Supply Operation
o 4 (MAX114) or 8 (MAX118) Analog Input Channels
o Low Power: 40mW (operating mode)
5µW (power-down mode)
o Total Unadjusted Error
≤1LSB
o Fast Conversion Time: 660ns per Channel
o No External Clock Required
o Internal Track/Hold
o 1MHz Full-Power Bandwidth
o Internally Connected 8th Channel Monitors
Reference Voltage (MAX118)
+5V, 1Msps, 4 & 8-Channel,
8-Bit ADCs with 1µA Power-Down
________________________________________________________________
Maxim Integrated Products
1
4-BIT
DAC
4-BIT
FLASH
ADC
(4MSBs)
4-BIT
FLASH
ADC
(4LSBs)
TIMING AND
CONTROL
ADDRESS
LATCH
DECODE
REF+
16
THREE-
STATE
OUTPUT
DRIVERS
D7
D6
D5
D4
D3
D2
D1
D0
MUX
*IN7
*IN8
Σ
REF+
*IN6
*IN5
IN4
IN3
IN2
IN1
A0
A1
A2
REF-
PWRDN
RD
MODE
INT
WR/RDY
CS
MAX114/MAX118
* MAX118 ONLY
_________________________________________________________Functional Diagram
19-1083; Rev 1; 8/96
PART
MAX114CNG
MAX114CAG
MAX114C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
24 Narrow Plastic DIP
24 SSOP
Dice*
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MAX114ENG
MAX114EAG
MAX114MRG
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
24 Narrow Plastic DIP
24 SSOP
24 Narrow CERDIP**
Ordering Information continued on last page.
*Dice are specified at TA = +25°C, DC parameters only.
**Contact factory for availability.
Pin Configurations appear on last page.


Similar Part No. - MAX118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800 MAXIM-MAX11800 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
More results

Similar Description - MAX118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com