Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX118 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX118
Description  5V, 1Msps, 4 & 8-Channel, 8-Bit ADCs with 1關A Power-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX118 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX118 Datasheet HTML 1Page - Maxim Integrated Products MAX118 Datasheet HTML 2Page - Maxim Integrated Products MAX118 Datasheet HTML 3Page - Maxim Integrated Products MAX118 Datasheet HTML 4Page - Maxim Integrated Products MAX118 Datasheet HTML 5Page - Maxim Integrated Products MAX118 Datasheet HTML 6Page - Maxim Integrated Products MAX118 Datasheet HTML 7Page - Maxim Integrated Products MAX118 Datasheet HTML 8Page - Maxim Integrated Products MAX118 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
+5V, 1Msps, 4 & 8-Channel,
8-Bit ADCs with 1µA Power-Down
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, REF+ = 5V, REF- = GND, Read Mode (MODE = GND), TA = TMIN to TMAX, unless otherwise noted.)
Note 2: Guaranteed by design.
Note 3: Power-down current increases if logic inputs are not driven to GND or VDD.
WR
CS, RD, PWRDN, A0, A1, A2
µA
±3
IINH
D0–D7, RDY
D0–D7, RDY, digital outputs = 0V to VDD
ISOURCE = 360µA, INT, D0–D7
RDY, ISINK = 2.6mA
MODE
MODE
ISINK = 1.6mA, INT, D0–D7
CS, WR, RD, PWRDN, A0, A1, A2
CS, WR, RD, PWRDN, MODE, A0, A1, A2
CS, WR, RD, PWRDN, MODE, A0, A1, A2
CONDITIONS
Input High Current
±1
pF
58
COUT
Three-State Capacitance
(Note 2)
µA
±3
ILKG
Three-State Current
V
4
VOH
Output High Voltage
V
0.4
VOL
Output Low Voltage
0.4
pF
58
CIN
Input Capacitance (Note 2)
µA
±1
IINL
Input Low Current
50
200
V
3.5
VINH
Input High Voltage
MODE
2.4
CS, WR, RD, PWRDN, A0, A1, A2
V
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
1.5
VINL
Input Low Voltage
0.8
815
V
4.75
5.25
VDD
Supply Voltage
VDD = 4.75V to 5.25V, VREF = 4.75V
CS = RD = VDD, PWRDN = 0V (Note 3)
LSB
±1/16
±1/4
PSR
Power-Supply Rejection
µA
110
Power-Down VDD Current
CS = RD = 0V,
PWRDN = VDD
mA
820
IDD
VDD Supply Current
MAX11_C
MAX11_E/M
LOGIC INPUTS
LOGIC OUTPUTS
POWER REQUIREMENTS


Similar Part No. - MAX118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX118 MAXIM-MAX118 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1180 MAXIM-MAX1180 Datasheet
573Kb / 20P
   Dual 10-Bit, 105Msps, 3.3V, Low-Power ADC with Internal Reference and Parallel Outputs
19-2097; Rev 0; 7/01
MAX1180 MAXIM-MAX1180 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800 MAXIM-MAX11800 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
More results

Similar Description - MAX118

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX153 MAXIM-MAX153 Datasheet
444Kb / 12P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
19-4740; Rev 1; 10/93
MAX153 MAXIM-MAX153_V01 Datasheet
895Kb / 13P
   1Msps, 關P-Compatible, 8-Bit ADC with 1關A Power-Down
2012
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX113 MAXIM-MAX113 Datasheet
106Kb / 12P
   3V, 400ksps, 4/8-Channel, 8-Bit ADCs with 1UA Power-Down
19-1081; Rev 1; 8/96
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196 Datasheet
452Kb / 28P
   8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com