Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F59D4G81A Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # F59D4G81A
Description  Voltage Supply: 1.8V (1.7V ~ 1.95V)
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F59D4G81A Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button F59D4G81A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. F59D4G81A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
ESMT
F59D4G81A / F59D4G161A
Elite Semiconductor Memory Technology Inc.
Publication Date: May
2014
Revision: 1.4
11/54
NAND Flash Technical Notes
Mask Out Initial Invalid Block(s)
Initial invalid blocks are defined as blocks that contain one or more initial invalid bits whose reliability is not guaranteed by ESMT. The
information regarding the initial invalid block(s) is called the initial invalid block information. Devices with initial invalid block(s) have the
same quality level as devices with all valid blocks and have the same AC and DC characteristics. An initial invalid block(s) does not
affect the performance of valid block(s) because it is isolated from the bit line and the common source line by a select transistor. The
system design must be able to mask out the initial invalid block(s) via address mapping.
The 1st block, which is placed on 00h block address, is guaranteed to be a valid block up to 1K program/erase cycles with 4bit/512Byte
(4bit/256Word) ECC.
Identifying Initial Invalid Block(s) and Block Replacement Management
All device locations are erased (FFh) except locations where the initial invalid block(s) information is written prior to shipping. The initial
invalid block(s) status is defined by the 1st byte in the spare area. ESMT makes sure that either the 1st or 2nd page of every initial
invalid block has non-FFh data at the 1st byte column address in the spare area.
Do not erase or program factory-marked bad blocks. The host controller must be able to recognize the initial invalid block information
and to create a corresponding table to manage block replacement upon erase or program error when additional invalid blocks develop
with Flash memory usage.


Similar Part No. - F59D4G81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D4G81KA ESMT-F59D4G81KA Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D4G81KA-45BCG2R ESMT-F59D4G81KA-45BCG2R Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D4G81KA-45BG2R ESMT-F59D4G81KA-45BG2R Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D4G81KA-45TG2R ESMT-F59D4G81KA-45TG2R Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59D4G81XB ESMT-F59D4G81XB Datasheet
2Mb / 88P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
More results

Similar Description - F59D4G81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59D2G81A ESMT-F59D2G81A Datasheet
1Mb / 56P
   Voltage Supply: 1.8V (1.7V ~ 1.95V)
F59D1G81A ESMT-F59D1G81A Datasheet
1Mb / 43P
   Voltage Supply: 1.8V (1.7 V ~ 1.95V)
logo
Maxim Integrated Produc...
MAX40006EVKIT MAXIM-MAX40006EVKIT Datasheet
763Kb / 7P
   1.7V to 5.5V Supply Voltage Range
Rev 0; 10/16
logo
Golledge Electronics Lt...
MCSO1Z GOLLEDGE-MCSO1Z Datasheet
570Kb / 4P
   1.8V supply voltage
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
logo
List of Unclassifed Man...
PT3956 ETC2-PT3956 Datasheet
313Kb / 1P
   1.8v~8.5v supply voltage
PT3953 ETC2-PT3953 Datasheet
328Kb / 1P
   1.8v~8.5v supply voltage
logo
Maxim Integrated Produc...
MAX40007EVKIT MAXIM-MAX40007EVKIT Datasheet
830Kb / 7P
   1.7V to 5.5V Single-Supply Operation
Rev 0; 1/17
logo
Sanyo Semicon Device
LV59018M SANYO-LV59018M_10 Datasheet
316Kb / 7P
   1.8V Constant-Voltage Power Supply IC
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com