Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F59L1G81A Datasheet(PDF) 7 Page - Elite Semiconductor Memory Technology Inc.

Part # F59L1G81A
Description  Voltage Supply: 2.6V ~ 3.6V
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F59L1G81A Datasheet(HTML) 7 Page - Elite Semiconductor Memory Technology Inc.

Back Button F59L1G81A Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F59L1G81A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ESMT
F59L1G81A
Elite Semiconductor Memory Technology Inc.
Publication Date: Oct. 2013
Revision: 1.2
7/35
AC TEST CONDITION
(TA=0 to 70
, V
CC=2.7V~3.6V, unless otherwise noted)
Parameter
Condition
Input Pulse Levels
0V to VCC
Input Rise and Fall Times
5 ns
Input and Output Timing Levels
VCC /2
Output Load
1 TTL Gate and CL=50pF
CAPACITANCE
(TA=25
, V
CC=3.3V, f=1.0MHz)
Item
Symbol
Test Condition
Min.
Max.
Unit
Input / Output Capacitance
CI/O
VIL = 0V
-
8
pF
Input Capacitance
CIN
VIN = 0V
-
8
pF
Note: Capacitance is periodically sampled and not 100% tested.
MODE SELECTION
CLE
ALE
CE
WE
RE
WP
Mode
H
L
L
Rising
H
X
Command Input
L
H
L
Rising
H
X
Read Mode
Address Input (4 clock)
H
L
L
Rising
H
H
Command Input
L
H
L
Rising
H
H
Write Mode
Address Input (4 clock)
L
L
L
Rising
H
H
Data Input
L
L
L
H
Falling
X
Data Output
X
X
X
X
H
X
During Read (Busy)
X
X
X
X
X
H
During Program (Busy)
X
X
X
X
X
H
During Erase (Busy)
X
X
(1)
X
X
X
L
Write Protect
X
X
H
X
X
0V/VCC
(2)
Stand-by
Note:
1.
X can be VIL or VIH.
2.
WP
should be biased to CMOS high or CMOS low for stand-by.
Program / Erase Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Program Time
tPROG
(1)
-
200
700
us
Dummy Busy Time for Cache Program
tCBSY
(2)
-
3
700
us
Number of Partial Program Cycles in the
Same Page
NOP
-
-
4
Cycle
Block Erase Time
tBERS
-
1.5
10
ms
Note:
1.
Typical program time is defined as the time within which more than 50% of the whole pages are programmed at 3.3V VCC and 25℃
temperature.
2.
Max. time of tCBSY depends on timing between internal program completion and data in.


Similar Part No. - F59L1G81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59L1G81LB ESMT-F59L1G81LB Datasheet
1Mb / 49P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MB ESMT-F59L1G81MB Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81MB-25BCG2M ESMT-F59L1G81MB-25BCG2M Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
More results

Similar Description - F59L1G81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L08QA-2S ESMT-F25L08QA-2S Datasheet
361Kb / 43P
   Single supply voltage 2.7~3.6V
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
logo
Elite Semiconductor Mem...
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
   Single supply voltage 2.7~3.6V
F25L16PA-2S ESMT-F25L16PA-2S Datasheet
408Kb / 42P
   Single supply voltage 2.7~3.6V
F25L04PA ESMT-F25L04PA Datasheet
341Kb / 34P
   Single supply voltage 2.3~3.6V
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Freescale Semiconductor...
MMA8453QT FREESCALE-MMA8453QT Datasheet
1Mb / 47P
   1.95V to 3.6V supply voltage, 1.6V to 3.6V interface voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com