Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F59L1G81MA Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # F59L1G81MA
Description  Voltage Supply: 3.3V (2.7V~3.6V)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F59L1G81MA Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button F59L1G81MA Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. F59L1G81MA Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
ESMT
F59L1G81MA (2Y)
Operation Temperature Condition -40
°C~85°C
Elite Semiconductor Memory Technology Inc.
Publication Date: Jul.
2014
Revision: 1.1
11/44
NAND Flash Technical Notes
Mask Out Initial Invalid Block(s)
Initial invalid blocks are defined as blocks that contain one or more initial invalid bits whose reliability is not guaranteed by ESMT. The
information regarding the initial invalid block(s) is called the initial invalid block information. Devices with initial invalid block(s) have the
same quality level as devices with all valid blocks and have the same AC and DC characteristics. An initial invalid block(s) does not
affect the performance of valid block(s) because it is isolated from the bit line and the common source line by a select transistor. The
system design must be able to mask out the initial invalid block(s) via address mapping.
The 1st block, which is placed on 00h block address, is guaranteed to be a valid block up to 1K program/erase cycles with 4bit/512Byte
ECC.
Identifying Initial Invalid Block(s) and Block Replacement Management
All device locations are erased (FFh) except locations where the initial invalid block(s) information is written prior to shipping. The initial
invalid block(s) status is defined by the 1st byte in the spare area. ESMT makes sure that either the 1st or 2nd page of every initial
invalid block has non-FFh data at the 1st byte column address in the spare area.
Do not erase or program factory-marked bad blocks. The host controller must be able to recognize the initial invalid block information
and to create a corresponding table to manage block replacement upon erase or program error when additional invalid blocks develop
with Flash memory usage.


Similar Part No. - F59L1G81MA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
More results

Similar Description - F59L1G81MA

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59L4G81A ESMT-F59L4G81A Datasheet
1Mb / 54P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L2G81A ESMT-F59L2G81A Datasheet
1Mb / 55P
   Voltage Supply: 3.3V (2.7V ~ 3.6V)
F50L1G41A-2Y ESMT-F50L1G41A-2Y Datasheet
695Kb / 36P
   Voltage Supply: 3.3V (2.7V~3.6V)
logo
Maxim Integrated Produc...
MAX40025EVKIT MAXIM-MAX40025EVKIT Datasheet
495Kb / 8P
   Supply Voltage 2.7V to 3.6V
319-100306; Rev 3; 5/19
MAX2242EVKIT MAXIM-MAX2242EVKIT Datasheet
156Kb / 5P
   2.7V to 3.6V True Single-Supply Operation Evaluation Kit
Rev 0; 1/01
logo
Elite Semiconductor Mem...
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
   Voltage Supply: 2.6V ~ 3.6V
F25L08QA-2S ESMT-F25L08QA-2S Datasheet
361Kb / 43P
   Single supply voltage 2.7~3.6V
F25L32QA-2S ESMT-F25L32QA-2S Datasheet
416Kb / 51P
   Single supply voltage 2.65~3.6V
F25L01PA-2D ESMT-F25L01PA-2D Datasheet
347Kb / 31P
   Single supply voltage 2.7~3.6V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com