Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F59L512M81A Datasheet(PDF) 11 Page - Elite Semiconductor Memory Technology Inc.

Part # F59L512M81A
Description  Command/Address/Data Multiplexed I/O Port
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F59L512M81A Datasheet(HTML) 11 Page - Elite Semiconductor Memory Technology Inc.

Back Button F59L512M81A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 14Page - Elite Semiconductor Memory Technology Inc. F59L512M81A Datasheet HTML 15Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
ESMT
F59L512M81A
Elite Semiconductor Memory Technology Inc.
Publication Date: May
2014
Revision: 1.0
11/40
Error in write or read operation
Within its lifetime, additional invalid blocks may develop with NAND Flash memory. Refer to the qualification report for the actual data.
The following possible failure modes should be considered to implement a highly reliable system. In the case of status read failure after
erase or program, block replacement should be done. Because program status fail during a page program does not affect the data of
the other pages in the same block, block replacement can be executed with a page-sized buffer by finding an erased empty block and
reprogramming the current target data and copying the rest of the replaced block. In case of Read, ECC must be employed. To
improve the efficiency of memory space, it is recommended that the read or verification failure due to single bit error be reclaimed by
ECC without any block replacement. The additional block failure rate does not include those reclaimed blocks.
Failure Mode
Detection and Countermeasure sequence
Erase failure
Read Status after Erase → Block Replacement
Write
Program failure
Read Status after Program → Block Replacement
Read
Up to 4 bits failure
Verify ECC → ECC Correction
Note
: Error Correcting Code --> RS Code or BCH Code etc.
Example: 4bit correction / 512 Byte
Program Flow Chart


Similar Part No. - F59L512M81A

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F59L1G81A ESMT-F59L1G81A Datasheet
1Mb / 35P
   Voltage Supply: 2.6V ~ 3.6V
F59L1G81LB ESMT-F59L1G81LB Datasheet
1Mb / 49P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
F59L1G81MA ESMT-F59L1G81MA Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MA-2Y ESMT-F59L1G81MA-2Y Datasheet
1Mb / 44P
   Voltage Supply: 3.3V (2.7V~3.6V)
F59L1G81MB ESMT-F59L1G81MB Datasheet
1Mb / 51P
   1 Gbit (128M x 8) 3.3V NAND Flash Memory
More results

Similar Description - F59L512M81A

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
GV-MP16-RC GAMEWELL-FCI-GV-MP16-RC Datasheet
152Kb / 2P
   Fire Command Center Multiplexed Voice Multiplexed Voice
logo
Texas Instruments
DP83936AVUL-20 TI1-DP83936AVUL-20_11 Datasheet
1Mb / 106P
[Old version datasheet]   32-bit non-multiplexed address and data bus
logo
Elite Semiconductor Mem...
M52D128324A-2E ESMT-M52D128324A-2E Datasheet
763Kb / 31P
   LVCMOS compatible with multiplexed address
M52D128168A-2E ESMT-M52D128168A-2E Datasheet
1Mb / 47P
   LVCMOS compatible with multiplexed address
M52D256328A-2F ESMT-M52D256328A-2F Datasheet
746Kb / 46P
   LVCMOS compatible with multiplexed address
M52D16161A-2J ESMT-M52D16161A-2J Datasheet
939Kb / 32P
   LVCMOS compatible with multiplexed address
M52D2561616A-2F ESMT-M52D2561616A-2F Datasheet
780Kb / 46P
   LVCMOS compatible with multiplexed address
M52S16161A-2J ESMT-M52S16161A-2J Datasheet
882Kb / 31P
   LVCMOS compatible with multiplexed address
M52D64164A-2E ESMT-M52D64164A-2E Datasheet
962Kb / 47P
   LVCMOS compatible with multiplexed address
M52S128168A-2E ESMT-M52S128168A-2E Datasheet
1Mb / 47P
   LVCMOS compatible with multiplexed address
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com