Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M12L32321A-2G Datasheet(PDF) 8 Page - Elite Semiconductor Memory Technology Inc.

Part # M12L32321A-2G
Description  JEDEC standard 3.3V0.3V power supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M12L32321A-2G Datasheet(HTML) 8 Page - Elite Semiconductor Memory Technology Inc.

Back Button M12L32321A-2G Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. M12L32321A-2G Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ESMT
M12L32321A (2G)
Elite Semiconductor Memory Technology Inc.
Publication Date : Jul. 2012
Revision : 1.0
8/28
Burst Length and Sequence
(Burst of Two)
Starting Address
(column address A0 binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
0
0,1
0,1
1
1,0
1,0
(Burst of Four)
Starting Address
(column address A1-A0, binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
00
0,1,2, 3
0,1,2, 3
01
1,2,3, 0
1,0,3, 2
10
2,3,0, 1
2,3,0, 1
11
3,0,1, 2
3,2,1, 0
(Burst of Eight)
Starting Address
(column address A2-A0, binary)
Sequential Addressing
Sequence (decimal)
Interleave Addressing
Sequence (decimal)
000
0,1,2, 3,4, 5,6,7
0,1,2, 3,4, 5,6,7
001
1,2,3, 4,5, 6,7,0
1,0,3, 2,5, 4,7,6
010
2,3,4, 5,6, 7,0,1
2,3,0, 1,6, 7,4,5
011
3,4,5, 6,7, 0,1, 2
3,2,1, 0,7, 6,5,4
100
4,5,6, 7,0, 1,2,3
4,5,6, 7,0, 1,2,3
101
5,6,7, 0,1, 2,3,4
5,4,7, 6,1, 0,3,2
110
6,7,0, 1,2, 3,4, 5
6,7,4, 5,2, 3,0,1
111
7,0,1, 2,3, 4,5, 6
7,6,5, 4,3, 2,1,0
Full page burst is an extension of the above tables of Sequential Addressing, with the length being 256 for device.
POWER UP SEQUENCE
1.Apply power and start clock, attempt to maintain CKE= “H”, DQM = “H” and the other pin are NOP condition at the inputs.
2.Maintain stable power, stable clock and NOP input condition for a minimum of 200us.
3.Issue precharge commands for all banks of the devices.
4.Issue 2 or more auto-refresh commands.
5.Issue mode register set command to initialize the mode register.
Cf.)Sequence of 4 & 5 is regardless of the order.
The device is now ready for normal operation.


Similar Part No. - M12L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L32321A-5.5BG ESMT-M12L32321A-5.5BG Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A-6BG ESMT-M12L32321A-6BG Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
M12L32321A-7BG ESMT-M12L32321A-7BG Datasheet
654Kb / 28P
   512K x 32Bit x 2Banks Synchronous DRAM
More results

Similar Description - M12L32321A-2G

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L2561616A-2S ESMT-M12L2561616A-2S Datasheet
917Kb / 44P
   JEDEC standard 3.3V power supply
M12L128324A2E ESMT-M12L128324A2E Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L128168A-2N ESMT-M12L128168A-2N Datasheet
692Kb / 46P
   JEDEC standard 3.3V power supply
M12L16161A-2Q ESMT-M12L16161A-2Q Datasheet
712Kb / 28P
   JEDEC standard 3.3V power supply
M12L64164A-2Y ESMT-M12L64164A-2Y Datasheet
1Mb / 45P
   JEDEC standard 3.3V power supply
M12L64322A-2U ESMT-M12L64322A-2U Datasheet
811Kb / 46P
   JEDEC standard 3.3V power supply
M12L128324A-2E ESMT-M12L128324A-2E Datasheet
890Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A2K ESMT-M12L2561616A2K Datasheet
933Kb / 45P
   JEDEC standard 3.3V power supply
M12L128324A-2M ESMT-M12L128324A-2M Datasheet
908Kb / 44P
   JEDEC standard 3.3V power supply
M12L2561616A-2A ESMT-M12L2561616A-2A Datasheet
932Kb / 45P
   JEDEC standard 3.3V power supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com