Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1205EMH Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1205EMH
Description  5v sINGLE-sUPPLY, 1mSPS, 14-bIT sELF-cALIBRATING adc
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1205EMH Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1205EMH Datasheet HTML 1Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 2Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 3Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 4Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 5Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 6Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 7Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 8Page - Maxim Integrated Products MAX1205EMH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
+5V Single-Supply, 1Msps, 14-Bit
Self-Calibrating ADC
4
_______________________________________________________________________________________
CL = 20pF
CONDITIONS
ns
187
244
301
tCH
Clock High Time
ns
488
tCLK
ns
4 / fSAMPLE
tCONV
Conversion Time
Clock Period
ns
16
75
tREL
Bus Relinquish Time
ns
16
75
tAC
Data Access Time
ns
187
244
301
tCL
Clock Low Time
ns
70
150
tOD
Output Delay
ns
1 / fCLK
tDAV
DAV Pulse Width
ns
65
145
tS
CLK-to-DAV Rising Edge
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIGITAL INPUTS AND OUTPUTS
(AVDD = +5V ±5%, DVDD = DRVDD = +3.3V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
ISOURCE = 200µA
VIN_ = 0 or DVDD
CONDITIONS
4
Input Capacitance
DVDD
- 0.8
VIH
0.8
VIL
Input Low Voltage
Input High Voltage
DVDD
DVDD
- 0.4
- 0.03
VOH
Output High Voltage
0.8
CLKVIL
CLK Input Low Voltage
AVDD
- 0.8
CLKVIH
CLK Input High Voltage
9
CCLK
CLK Input Capacitance
±0.1
±10
IIN_
Digital Input Current
MIN
TYP
MAX
SYMBOL
PARAMETER
-10
±1
+10
ICLK
Clock Input Current
±0.1
±10
ILEAKAGE
Three-State Leakage Current
3.5
COUT
Three-State Output Capacitance
µA
µA
pF
pF
V
V
V
V
V
pF
µA
UNITS
TIMING CHARACTERISTICS
(AVDD = +5V ±5%, DVDD = DRVDD = +3.3V, fCLK = 2.048MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
ns
tCLK / 2
tACQ
Acquisition Time
Note 1: Reference inputs driven by operational amplifiers for Kelvin-sensed operation.
Note 2: For unipolar mode, the analog input voltage VINP must be within 0V and VREF, VINN = VREF / 2; where VREF = VRFPS - VRFNS.
For differential mode, the analog inputs INP and INN must be within 0V and VREF; where VREF = VRFPS - VRFNS. The com-
mon mode of the inputs INP and INN is VREF / 2.
Note 3: Minimum and maximum parameters are not tested. Guaranteed by design.
Note 4: RI varies inversely with sample rate.
Note 5: Calibration remains valid for temperature changes within ±20°C and power-supply variations ±5%.
Note 6: All AC specifications are shown for the differential mode.
ST_CAL = 1, Figure 8
fCLK
cycles
17,400
tCAL
Calibration Time
ISINK = 1.6mA
70
400
VOL
Output Low Voltage
mV


Similar Part No. - MAX1205EMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1205EVKIT-MQFP MAXIM-MAX1205EVKIT-MQFP Datasheet
168Kb / 12P
   Fully Assembled and Tested Surface-Mount Board
Rev 1; 11/98
More results

Similar Description - MAX1205EMH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1200 MAXIM-MAX1200 Datasheet
204Kb / 16P
   5v sINGLE-sUPPLY, 1mSPS, 16-bIT sELF-cALIBRATING adc
19-1413; Rev 0; 12/98
MAX1201 MAXIM-MAX1201 Datasheet
187Kb / 16P
   5v sINGLE-sUPPLY, 2.2mSPS, 14-bIT sELF-cALIBRATING adc
19-4776; Rev 1; 11/98
MAX1142 MAXIM-MAX1142 Datasheet
1Mb / 20P
   14-Bit ADC, 200ksps, 5V Single-Supply with Reference
19-2037; Rev 0; 5/01
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
   Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
logo
Linear Technology
LTC1411 LINER-LTC1411_15 Datasheet
232Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
LTC1411 LINER-LTC1411 Datasheet
227Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
logo
Linear Integrated Syste...
LTC1411 LINEAR-LTC1411 Datasheet
224Kb / 16P
   Single Supply 14-Bit 2.5Msps ADC
logo
Texas Instruments
ADS850 TI-ADS850 Datasheet
304Kb / 15P
[Old version datasheet]   14-Bit, 10MSPS Self-Calibrating ANALOG-TO-DIGITAL CONVERTER
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
Analog Devices
EVAL-AD7856CB AD-EVAL-AD7856CB Datasheet
1,022Kb / 12P
   Evaluation Board for 5V Single Supply, 285kSPS 8-Channel, 14-Bit Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com