Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202AEPP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1202AEPP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202AEPP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1202AEPP Datasheet HTML 3Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 4Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 5Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 6Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 7Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 8Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 9Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 10Page - Maxim Integrated Products MAX1202AEPP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
_______________________________________________________________________________________
7
1.0
2.0
1.8
1.6
1.4
1.2
4.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.3
4.7
5.1
5.5
4.9
MAX1202
MAX1203
0
-60
SUPPLY CURRENT
vs. TEMPERATURE
0.5
TEMPERATURE (°C)
100
2.0
1.0
1.5
-20
60
140
3.0
2.5
20
MAX1202
MAX1203
6
5
0
-60
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
4
TEMPERATURE (
°C)
60
2
1
-20
20
3
100
140
REFADJ = GND
FULL POWER-DOWN
0.8
0.6
0.7
0.5
0
-60
INTEGRAL NONLINEARITY
vs. TEMPERATURE
0.4
TEMPERATURE (
°C)
60
0.2
0.1
-20
20
0.3
100
140
3
2
-3
-60
CHANNEL-TO-CHANNEL OFFSET-ERROR
MATCHING vs. TEMPERATURE
1
TEMPERATURE (
°C)
60
-1
-2
-20
20
0
100
140
2.0
1.0
1.5
0.5
-2.0
-60
OFFSET ERROR
vs. TEMPERATURE
0
TEMPERATURE (
°C)
60
-1.0
-1.5
-20
20
-0.5
100
140
5
3
4
1
2
0
-5
-60
GAIN ERROR
vs. TEMPERATURE
-1
TEMPERATURE (
°C)
60
-3
-4
-20
20
-2
100
140
DIFFERENTIAL
SINGLE-ENDED
5
3
4
1
2
0
-5
-60
CHANNEL-TO-CHANNEL GAIN-ERROR
MATCHING vs. TEMPERATURE
-1
TEMPERATURE (
°C)
60
-3
-4
-20
20
-2
100
140
__________________________________________Typical Operating Characteristics
(VDD = 5V ±5%; VL = 2.7V to 3.6V; VSS = 0V; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion cycle
(133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin; TA = +25°C;
unless otherwise noted.)


Similar Part No. - MAX1202AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202AEPP++ MAXIM-MAX1202AEPP+ Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results

Similar Description - MAX1202AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com