Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGPS66160DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRGPS66160DPBF
Description  Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPS66160DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRGPS66160DPBF_15 Datasheet HTML 1Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 2Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 3Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 4Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 5Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 6Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 7Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 8Page - International Rectifier IRGPS66160DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 
IRGPS66160DPbF
1
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 13, 2014
Base part number
Package Type
Standard Pack
Orderable Part Number
Form
Quantity
IRGPS66160DPbF
Super 247
Tube
25
IRGPS66160DPbF
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
240
IC @ TC = 100°C
Continuous Collector Current
160
ICM
Pulse Collector Current, VGE = 15V
360
ILM
Clamped Inductive Load Current, VGE = 20V 
480
IFRM @ TC = 100°C Diode Repetitive Peak Forward Current
80
IFM
Diode Maximum Forward Current 
480
VGE
Continuous Gate-to-Emitter Voltage
±20
V
PD @ TC = 25°C
Maximum Power Dissipation
750
W
PD @ TC = 100°C
Maximum Power Dissipation
375
TJ
Operating Junction and
-40 to +175
°C  
TSTG
Storage Temperature Range
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
A
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RJC (IGBT)
Thermal Resistance Junction-to-Case-(each IGBT) 
–––
–––
0.20
°C/W
RCS
Thermal Resistance, Case-to-Sink (flat, greased surface)
–––
0.24
–––
RJA
Thermal Resistance, Junction-to-Ambient (typical socket mount)
–––
–––
40
RJC (Diode) Thermal Resistance Junction-to-Case-(each Diode) 
–––
–––
1.37
VCES = 600V
IC = 160A, TC =100°C
tSC 5µs, TJ(max) = 175°C
VCE(ON) typ. = 1.65V @ IC = 120A
Applications
 Welding
 H Bridge Converters
Features
Benefits
Low VCE(ON) and Switching Losses
High Efficiency in a Wide Range of Applications
Optimized Diode for Full Bridge Hard Switch Converters
Optimized for Welding and H Bridge Converters
Square RBSOA and Maximum Temperature of 175°C
Improved Reliability due to Rugged Hard Switching
Performance and High Power Capability
5µs Short Circuit
Enables Short Circuit Protection Operation
Positive VCE (ON) Temperature Co-efficient
Excellent Current Sharing in Parallel Operation
Lead-free, RoHS compliant
Environmentally friendly
G
C
E
Gate
Collector
Emitter
 
Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
 
E
G
n-channel
C
IRGPS66160DPbF 
Super 247 


Similar Part No. - IRGPS66160DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGPS60B120KD IRF-IRGPS60B120KD Datasheet
135Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP Datasheet
136Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE Motor Control Co-Pack IGBT
IRGPS60B120KDP IRF-IRGPS60B120KDP Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGPS66160DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com