Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS10B60KDPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGS10B60KDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS10B60KDPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRGS10B60KDPBF_15 Datasheet HTML 2Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 3Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 4Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 5Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 6Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 7Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 8Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 9Page - International Rectifier IRGS10B60KDPBF_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IRG/B/S/SL10B60KDPbF
6
www.irf.com
Fig. 14 - Typ. Switching Time vs. IC
TJ = 150°C; L=200μH; VCE= 400V
RG= 47Ω; VGE= 15V
Fig. 13 - Typ. Energy Loss vs. IC
TJ = 150°C; L=200μH; VCE= 400V
RG= 47Ω; VGE= 15V
Fig. 16 - Typ. Switching Time vs. RG
TJ = 150°C; L=200μH; VCE= 400V
ICE= 10A; VGE= 15V
Fig. 15 - Typ. Energy Loss vs. RG
TJ = 150°C; L=200μH; VCE= 400V
ICE= 10A; VGE= 15V
0
50
100
150
RG (Ω)
0
50
100
150
200
250
300
350
400
450
500
EON
EOFF
0
5
10
15
20
25
IC (A)
0
100
200
300
400
500
600
700
800
EOFF
EON
0
5
10
15
20
25
IC (A)
10
100
1000
tR
tdOFF
tF
tdON
0
50
100
150
RG (Ω)
10
100
1000
tR
tdOFF
tF
tdON


Similar Part No. - IRGS10B60KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS10B60KDPBF IRF-IRGS10B60KDPBF Datasheet
365Kb / 15P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results

Similar Description - IRGS10B60KDPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com