Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1202AEAP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1202AEAP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1202AEAP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1202AEAP Datasheet HTML 2Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 3Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 4Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX1202AEAP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
6
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = +5V ±5%, VL = 2.7V to 3.6V, VSS = 0V or -5V ±5%, TA = TMIN to TMAX, unless otherwise noted.)
Note 1:
Tested at VDD = 5.0V; VSS = 0V; unipolar-input mode.
Note 2:
Relative accuracy is the analog value’s deviation (at any code) from its theoretical value after the full-scale range is calibrated.
Note 3:
MAX1202—internal reference, offset nulled; MAX1203—external reference (VREF = 4.096V), offset nulled.
Note 4:
On-channel grounded; sine wave applied to all off-channels.
Note 5:
Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 6:
Guaranteed by design. Not subject to production testing.
Note 7:
Common-mode range for analog inputs is from VSS to VDD.
Note 8:
External load should not change during the conversion for specified accuracy.
Note 9:
Shutdown supply current is measured with VL at 3.3V, and with all digital inputs tied to either VL or GND;
REFADJ = GND. Shutdown supply current is also dependent on VIH (Figure 12c).
Note 10: Logic supply current is measured with the digital outputs (DOUT and SSTRB) disabled (CS high). When the outputs are
active (CS low), the logic supply current depends on fSCLK, and on the static and capacitive load at DOUT and SSTRB.
Note 11: Measured at VSUPPLY + 5% and VSUPPLY - 5% only.
Note 12: Measured at VL = 2.7V and VL = 3.6V.
ns
100
tCSS
External-clock mode only, CLOAD = 100pF
ns
CS to SCLK Rise Setup
240
CLOAD = 100pF
ns
ns
20
240
ns
0
tDO
SCLK Fall to Output Data Valid
tCSH
CONDITIONS
CS to SCLK Rise Hold
240
tDV
CS Fall to Output Enable
CLOAD = 100pF
ns
240
tTR
CS Rise to Output Disable
tSDV
CS Fall to SSTRB Output Enable
(Note 6)
External-clock mode only, CLOAD = 100pF
ns
240
tSTR
CS Rise to SSTRB Output
Disable (Note 6)
Internal-clock mode only
ns
0
tSCK
SSTRB Rise to SCLK Rise
(Note 6)
ns
200
tCH
SCLK Pulse Width High
ns
200
tCL
SCLK Pulse Width Low
CLOAD = 100pF
ns
240
tSSTRB
SCLK Fall to SSTRB
CLOAD = 100pF
ns
0
tDH
DIN to SCLK Hold
µs
1.5
tACQ
Acquisition Time
ns
100
tDS
DIN to SCLK Setup
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER


Similar Part No. - MAX1202AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202AEAP++ MAXIM-MAX1202AEAP+ Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results

Similar Description - MAX1202AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com