Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M53D128324A-2E Datasheet(PDF) 1 Page - Elite Semiconductor Memory Technology Inc.

Part # M53D128324A-2E
Description  Bi-directional data strobe (DQS)
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

M53D128324A-2E Datasheet(HTML) 1 Page - Elite Semiconductor Memory Technology Inc.

  M53D128324A-2E Datasheet HTML 1Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 2Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 3Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 4Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. M53D128324A-2E Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
ESMT
M53D128324A (2E)
Elite Semiconductor Memory Technology Inc.
Publication Date : Mar. 2012
Revision : 1.0
1/47
DM
DQ
Mode Register &
Extended Mode
Register
Column
Address
Buffer
&
Refresh
Counter
Row
Address
Buffer
&
Refresh
Counter
Sense Amplifier
Column Decoder
Data Control Circuit
Address
Clock
Generator
CLK
CLK
CKE
CS
RAS
CAS
WE
DQS
Mobile DDR SDRAM
1M x 32 Bit x 4 Banks
Mobile DDR SDRAM
Features
JEDEC Standard
Internal pipelined double-data-rate architecture, two data
access per clock cycle
Bi-directional data strobe (DQS)
No DLL; CLK to DQS is not synchronized.
Differential clock inputs (CLK and CLK )
Four bank operation
CAS Latency : 2, 3
Burst Type : Sequential and Interleave
Burst Length : 2, 4, 8, 16
Special function support
-
PASR (Partial Array Self Refresh)
-
Internal TCSR (Temperature Compensated Self
Refresh)
-
DS (Drive Strength)
All inputs except data & DM are sampled at the rising
edge of the system clock(CLK)
DQS is edge-aligned with data for READ; center-aligned
with data for WRITE
Data mask (DM) for write masking only
VDD/VDDQ = 1.7V ~ 1.95V
Auto & Self refresh
15.6us refresh interval (64ms refresh period, 4K cycle)
LVCMOS-compatible inputs
Ordering Information
Product ID
Max Freq.
VDD
Package
Comments
M53D128324A -5BG2E
200MHz
M53D128324A -6BG2E
166MHz
M53D128324A -7.5BG2E
133MHz
1.8V
144 ball FBGA
Pb-free
Functional Block Diagram
Bank A
Bank D
Bank B
Bank C


Similar Part No. - M53D128324A-2E

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A ESMT-M53D128168A Datasheet
1Mb / 46P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-10BAG ESMT-M53D128168A-10BAG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-10BAIG ESMT-M53D128168A-10BAIG Datasheet
1Mb / 46P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
M53D128168A-10BG ESMT-M53D128168A-10BG Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Mobile DDR SDRAM
More results

Similar Description - M53D128324A-2E

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
   Bi-directional data strobe (DQS)
M53S64322A-2E ESMT-M53S64322A-2E Datasheet
1Mb / 47P
   Bi-directional data strobe (DQS)
logo
Source Photonics, Inc.
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
   1.25Gbps bi-directional data links
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
   Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
   1.25Gbps bi-directional data links
logo
Leshan Radio Company
LR24C128 LRC-LR24C128 Datasheet
607Kb / 14P
   Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
   1.25Gbps bi-directional data links
logo
Green Power Solutions s...
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
   BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com