Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1233-MAX1234 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1233-MAX1234
Description  짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1233-MAX1234 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1233-MAX1234 Datasheet HTML 1Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 2Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 3Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 4Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 5Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 6Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 7Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 8Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = AVDD = +2.7V to +3.6V (MAX1233), DVDD = AVDD = +4.75V to +5.25V (MAX1234), external reference VREF = 2.5V
(MAX1233), VREF = 4.096V (MAX1234); fSCLK = 10MHz, fSAMPLE = 50ksps, 12-bit mode, 0.1µF capacitor at REF, TA = -40
°C to
+85
°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Total Harmonic Distortion
THD
-84
dB
Spurious-Free Dynamic Range
SFDR
84
dB
Full-Power Bandwidth
-3dB point
0.5
MHz
Full-Linear Bandwidth
SINAD > 67dB
50
kHz
CONVERSION RATE
Internal Oscillator Frequency
8
11.5
MHz
Aperture Delay
30
ns
Aperture Jitter
<50
ps
Maximum Serial Clock Frequency
fSCLK
10
MHz
Duty Cycle
30
70
%
AUXILIARY ANALOG INPUTS (AUX1, AUX2)
Input Voltage Range
0VREF
V
Input Leakage Current
Channel not selected or conversion
stopped
±0.1
±1µA
Input Capacitance
34
pF
BATTERY MONITOR INPUTS (BAT1, BAT2)
Input Voltage Range
0.5
6.0
V
Sampling battery
10
k
Input Impedance
Battery monitor OFF
1
G
Accuracy
Internal reference
-3
+3
%
TEMPERATURE MEASUREMENT
Temperature Range
-40
+85
°C
Differential method (Note 4)
1.6
Resolution
Single measurement method (Note 5)
0.3
°C
Differential method (Note 4)
±3
Accuracy
Single measurement method (Note 5)
±2
°C
INTERNAL ADC REFERENCE
2.5V mode, TA = +25
°C
2.470
2.500
2.530
Reference Output Voltage
VREF
1.0V mode, TA = +25
°C
0.980
1.000
1.020
V
Output Tempco
TCVREF
60
ppm/
°C
Reference Output Impedance
Normal operation
250
Reference Short-Circuit Current
18
mA
EXTERNAL ADC REFERENCE (INTERNAL REFERENCE DISABLED, REFERENCE APPLIED TO REF)
Reference Input Voltage Range
(Note 6)
1.0
VDD
V
Input Impedance
CS = GND or VDD
1G
VREF = +2.5V at 50ksps (MAX1233)
5
10
VREF = +4.096V at 50ksps (MAX1234)
8
15
Input Current
Shutdown/between conversions
±0.1
µA


Similar Part No. - MAX1233-MAX1234

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233 Datasheet
264Kb / 12P
   Proven PC Board Layout
Rev 0; 10/02
MAX1233EGI MAXIM-MAX1233EGI Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233EGI MAXIM-MAX1233EGI Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
More results

Similar Description - MAX1233-MAX1234

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_08 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233_05 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com