Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1233-MAX1234 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1233-MAX1234
Description  짹15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1233-MAX1234 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1233-MAX1234 Datasheet HTML 1Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 2Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 3Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 4Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 5Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 6Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 7Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 8Page - Maxim Integrated Products MAX1233-MAX1234 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
±15kV ESD-Protected Touch-Screen
Controllers Include DAC and Keypad Controller
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = AVDD = +2.7V to +3.6V (MAX1233), DVDD = AVDD = +4.75V to +5.25V (MAX1234), external reference VREF = 2.5V
(MAX1233), VREF = 4.096V (MAX1234); fSCLK = 10MHz, fSAMPLE = 50ksps, 12-bit mode, 0.1µF capacitor at REF, TA = -40°C to
+85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL-TO-ANALOG CONVERTER
DC ACCURACY
Resolution
8
Bits
Integral Linearity Error
INL
(Note 7)
±1.0
LSB
Differential Linearity Error
DNL
No missing codes
±1.0
LSB
Offset Error
VOS
(Note 8)
±1
±25
mV
Offset Error Temperature
Coefficient
1
ppm/
°C
Full-Scale Error
Code = 255, no load
5
%
Full-Scale Error Temperature
Coefficient
Code = 255, no load
±10
ppm/
°C
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
Positive and negative
0.4
V/µs
Output Settling Time
0.5LSB; 50k
Ω and 50pF load (Note 9)
20
µs
Glitch Impulse
Code 127 to 128
40
nV/s
Wake-Up Time
From shutdown
50
µs
DAC OUTPUT
Internal DAC Reference
VREFDAC
(Note 10)
0.85
AVDD
0.9
AVDD
0.95
AVDD
V
Code = 255; 0 to 100µA
0.5
Output Load Regulation
Code = 0; 0 to 100µA
0.5
LSB
Output Resistance
Power-down mode
1.0
M
TOUCH-SCREEN CONTROLLER
Y+, X+
7
On-Resistance
Y-, X-
9
Touch-Detection Internal Pullup
Resistance
X+ to AVDD
1M
KEYPAD CONTROLLER
Pullup Resistance
C4, C3, C2, C1 (Note 11)
0.5
k
Pulldown Resistance
R4, R3, R2, R1 (Note 11)
16
k
DIGITAL INTERFACE
DIGITAL INPUTS (SCLK,
CS, DIN, R_, C_)
Input Voltage Low
VIL
0.3
DVDD
V
Input Voltage High
VIH
0.7
DVDD
V
Input Leakage Current
IL
±0.1
±1µA


Similar Part No. - MAX1233-MAX1234

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233 MAXIM-MAX1233 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233 Datasheet
264Kb / 12P
   Proven PC Board Layout
Rev 0; 10/02
MAX1233EGI MAXIM-MAX1233EGI Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
MAX1233EGI MAXIM-MAX1233EGI Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
More results

Similar Description - MAX1233-MAX1234

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1233 MAXIM-MAX1233_08 Datasheet
385Kb / 44P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 4; 3/08
MAX1233 MAXIM-MAX1233_05 Datasheet
1Mb / 45P
   ±15kV ESD-Protected Touch-Screen Controllers Include DAC and Keypad Controller
Rev 3; 8/05
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com