Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1204AEPP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1204AEPP
Description  5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1204AEPP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1204AEPP Datasheet HTML 1Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 2Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 3Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 4Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 5Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 6Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 7Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 8Page - Maxim Integrated Products MAX1204AEPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5V, 8-Channel, Serial, 10-Bit ADC
with 3V Digital Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); 4.7µF capacitor at REF; TA = TMIN to TMAX; unless otherwise noted.)
MAX1204AC
TA = +25°C
External clock, 2MHz, 12 clocks/conversion
(Note 6)
On/off leakage current, VCH_ = ±5V
Bipolar, VSS = -5V
Unipolar, VSS = 0V
6
Used for data transfer only
Internal compensation mode (Note 6)
Internal clock
External compensation mode, 4.7µF
CONDITIONS
ppm/°C
±30
±50
VREF Temperature Coefficient
mA
30
REF Short-Circuit Current
V
4.076
4.096
4.116
REF Output Voltage
pF
16
Input Capacitance
µA
±0.01
±1
Multiplexer Leakage Current
±VREF /2
V
VREF
Input Voltage Range, Single-
Ended and Differential (Note 7)
0
2.0
0.1
0.4
MHz
0.1
2.0
External Clock-Frequency Range
MHz
1.7
Internal Clock Frequency
ns
10
Aperture Delay
µs
1.5
tACQ
Track/Hold Acquisition Time
µs
5.5
10
tCONV
Conversion Time (Note 5)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX1204AE
±30
±60
±30
MAX1204B
0mA to 0.5mA output load
mV
2.5
Load Regulation (Note 8)
Internal compensation mode
µF
0
Capacitive Bypass at REF
External compensation mode
4.7
µF
0.01
Capacitive Bypass at REFADJ
%
±1.5
REFADJ Adjustment Range
V
2.50
VDD +
50mV
Input Voltage Range
µA
200
350
Input Current
k
12
20
Input Resistance
SHDN = 0V
µA
1.5
10
REF Input Current in Shutdown
V
VDD -
50mV
REFADJ Buffer Disable Threshold
ps
<50
Aperture Jitter
CONVERSION RATE
INTERNAL REFERENCE
ANALOG INPUT
EXTERNAL REFERENCE AT REF (Buffer disabled, VREF = 4.096V)


Similar Part No. - MAX1204AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204ACAP MAXIM-MAX1204ACAP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204ACPP MAXIM-MAX1204ACPP Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
More results

Similar Description - MAX1204AEPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX192BCPP MAXIM-MAX192BCPP Datasheet
202Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev. 1; 4/97
MAX192 MAXIM-MAX192 Datasheet
201Kb / 24P
   Low-Power, 8-Channel, Serial 10-Bit ADC
Rev 1; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com