Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGS4620DPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRGS4620DPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGS4620DPBF Datasheet(HTML) 3 Page - International Rectifier

  IRGS4620DPBF Datasheet HTML 1Page - International Rectifier IRGS4620DPBF Datasheet HTML 2Page - International Rectifier IRGS4620DPBF Datasheet HTML 3Page - International Rectifier IRGS4620DPBF Datasheet HTML 4Page - International Rectifier IRGS4620DPBF Datasheet HTML 5Page - International Rectifier IRGS4620DPBF Datasheet HTML 6Page - International Rectifier IRGS4620DPBF Datasheet HTML 7Page - International Rectifier IRGS4620DPBF Datasheet HTML 8Page - International Rectifier IRGS4620DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IRGS/B/P4620D/EPbF
3
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
November 14, 2014
25
50
75
100
125
150
175
TC (°C)
0
10
20
30
40
1
10
100
1000
VCE (V)
0.1
1
10
100
1msec
10µsec
100µsec
Tc = 25°C
Tj = 175°C
Single Pulse
DC
Fig. 1 - Maximum DC Collector Current vs.
Case Temperature
10
100
1000
VCE (V)
1
10
100
Fig. 4 - Reverse Bias SOA
T
J
= 175°C; VGE = 20V
0
1
2
3
4
5
6
7
8
VCE (V)
0
5
10
15
20
25
30
35
40
45
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 3 - Forward SOA
TC = 25°C; TJ ≤ 175°C; VGE = 15V
Fig. 5 - Typ. IGBT Output Characteristics
TJ = -40°C; tp = 80µs
0
1
2
3
4
5
6
7
8
VCE (V)
0
5
10
15
20
25
30
35
40
45
VGE = 18V
VGE = 15V
VGE = 12V
VGE = 10V
VGE = 8.0V
Fig. 6 - Typ. IGBT Output Characteristics
TJ = 25°C; tp = 80µs
25
50
75
100
125
150
175
TC (°C)
0
25
50
75
100
125
150
Fig. 2 - Power Dissipation vs.
Case Temperature


Similar Part No. - IRGS4620DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGS4620DPBF IRF-IRGS4620DPBF Datasheet
714Kb / 14P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
logo
Infineon Technologies A...
IRGS4620DPbF INFINEON-IRGS4620DPbF Datasheet
971Kb / 17P
   Insulated Gate Bipolar Transistor with Ultrafast Soft Recovery Diode
2015-11-23
More results

Similar Description - IRGS4620DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com