Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1203ACPP Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1203ACPP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1203ACPP Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1203ACPP Datasheet HTML 1Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 2Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 3Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 4Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 5Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 6Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 7Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 8Page - Maxim Integrated Products MAX1203ACPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
µA
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%, VL = 2.7V to 3.6V; VSS = 0V or -5V ±5%; fSCLK = 2.0MHz, external clock (50% duty cycle); 15 clocks/conversion
cycle (133ksps); MAX1202—4.7µF capacitor at REF pin; MAX1203—external reference, VREF = 4.096V applied to REF pin;
TA = TMIN to TMAX; unless otherwise noted.)
Operating mode
mA
1.5
2.5
Internal compensation mode
VDD = 5V ±5%; external reference, 4.096V;
full-scale input
mV
±0.06
±0.5
V
Fast power-down (Note 9)
30
70
External compensation mode
MAX1202
MAX1202
CONDITIONS
2.70
5.25
VL
Logic Supply Voltage
VL = VDD = 5V
µA
10
IVL
Logic Supply Current (Notes 6, 10)
PSR
Positive Supply Rejection
(Note 11)
VSS = -5V ±5%; external reference, 4.096V;
full-scale input
mV
±0.01
±0.5
PSR
Negative Supply Rejection
(Note 11)
External reference, 4.096V; full-scale input
mV
±0.06
±0.5
PSR
Logic Supply Rejection
(Note 12)
µA
µF
0
Capacitive Bypass at REF
V
0 or -5 ±5%
VSS
Negative Supply Voltage
V
5 ±5%
VDD
Positive Supply Voltage
4.7
1.68
±50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX1203
V/V
1.64
Reference-Buffer Gain
MAX1203
µA
±5
REFADJ Input Current
Full power-down
10
Operating mode and fast power-down
µA
50
ISS
Negative Supply Current
Full power-down (Note 9)
µA
IDD
210
Positive Supply Current
EXTERNAL REFERENCE AT REFADJ
POWER REQUIREMENTS


Similar Part No. - MAX1203ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1203ACPP++ MAXIM-MAX1203ACPP+ Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results

Similar Description - MAX1203ACPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com