Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX121MJE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX121MJE
Description  308Ksps ADC with DSP Interface and 78dB SINAD
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX121MJE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX121MJE Datasheet HTML 6Page - Maxim Integrated Products MAX121MJE Datasheet HTML 7Page - Maxim Integrated Products MAX121MJE Datasheet HTML 8Page - Maxim Integrated Products MAX121MJE Datasheet HTML 9Page - Maxim Integrated Products MAX121MJE Datasheet HTML 10Page - Maxim Integrated Products MAX121MJE Datasheet HTML 11Page - Maxim Integrated Products MAX121MJE Datasheet HTML 12Page - Maxim Integrated Products MAX121MJE Datasheet HTML 13Page - Maxim Integrated Products MAX121MJE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image


Similar Part No. - MAX121MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
609Kb / 29P
   40Msps, 12-Bit ADC
Rev 0; 5/04
MAX1211 MAXIM-MAX1211 Datasheet
762Kb / 28P
   14-Bit, 95Msps, 3.3V ADC
Rev 0; 10/04
MAX1211 MAXIM-MAX1211 Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
MAX1211ETL MAXIM-MAX1211ETL Datasheet
544Kb / 13P
   Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
More results

Similar Description - MAX121MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX121 MAXIM-MAX121_V01 Datasheet
1Mb / 26P
   308ksps ADC with DSP Interface and 78dB SINAD
2012
logo
Analog Devices
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
logo
Texas Instruments
TAS3202 TI1-TAS3202 Datasheet
802Kb / 66P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
TAS3204 TI-TAS3204 Datasheet
1Mb / 72P
[Old version datasheet]   AUDIO DSP WITH ANALOG INTERFACE
logo
Asahi Kasei Microsystem...
AK7734 AKM-AK7734 Datasheet
470Kb / 24P
   Audio DSP with 2-Channel ADC/SRC
AK7746 AKM-AK7746 Datasheet
397Kb / 62P
   Audio DSP with 5-channel 24-bit ADC and Input Mux
logo
Infineon Technologies A...
PEF20570 INFINEON-PEF20570 Datasheet
170Kb / 8P
   DSP Embedded Line and Port Interface Controller
2003-08-04
PEB20571 INFINEON-PEB20571 Datasheet
4Mb / 308P
   DSP Embedded Line and Port Interface Controller
Version 3.1 July 2003
logo
Rohm
BD9406KS2 ROHM-BD9406KS2 Datasheet
886Kb / 38P
   28bit Audio DSP with Built-in 2ch ADC, 6ch DAC and ASRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com