Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP70Q Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BAP70Q
Description  Quad PIN diode attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP70Q Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BAP70Q_15 Datasheet HTML 4Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 5Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 6Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 7Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 8Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 9Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 10Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 11Page - NXP Semiconductors BAP70Q_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BAP70Q
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 6 March 2012
8 of 13
NXP Semiconductors
BAP70Q
Quad PIN diode attenuator
VCC = 3.7 V; f = 2000 MHz.
(1) Vctrl = 0 V
(2) Vctrl = 1 V
(3) Vctrl = 1.5 V
(4) Vctrl = 2 V
(5) Vctrl = 7.5 V
(6) Vctrl = 10 V
VCC = 3.7 V; f = 3000 MHz.
(1) Vctrl = 0 V
(2) Vctrl = 1 V
(3) Vctrl = 1.5 V
(4) Vctrl = 2 V
(5) Vctrl = 7.5 V
(6) Vctrl = 10 V
Fig 9.
Attentuation as function of temperature;
typical values
Fig 10. Attentuation as function of temperature;
typical values
001aam679
Tamb (°C)
−40
80
40
0
10
102
α
(dB)
1
(4)
(3)
(6)
(5)
(1)
(2)
001aam680
Tamb (°C)
−40
80
40
0
10
102
α
(dB)
1
(4)
(3)
(6)
(5)
(1)
(2)
VCC = 3.7 V; Tamb =25 C.
(1) f = 100 MHz
(2) f = 900 MHz
(3) f = 1800 MHz
(4) f = 2100 MHz
Fig 11. Input third-order intercept point as control voltage; typical values
Vctrl (V)
020
16
812
4
001aam681
20
30
10
40
50
IP3i
(dBm)
0
(4)
(3)
(2)
(1)


Similar Part No. - BAP70Q_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70Q NXP-BAP70Q Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BAP70Q_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
   PIN Diode ? Quad Attenuator
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
   Quad PIN diode attenuator
Rev. 1-7 October 2010
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
   PIN Diode ? Quad Attenuator
MA4P274-1225T MACOM-MA4P274-1225T_1 Datasheet
672Kb / 12P
   Quad PIN Diode Attenuator 5 -3000 MHz
logo
M/A-COM Technology Solu...
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
MA4P7455-1225 MA-COM-MA4P7455-1225 Datasheet
352Kb / 7P
   Quad PIN Diode ? Attenuator 10 - 4000 MHz
logo
Tyco Electronics
MA4P274-1225T MACOM-MA4P274-1225T Datasheet
209Kb / 10P
   Quad PIN Diode p Attenuator 5 .3000 MHz
logo
Microsemi Corporation
UM9552 MICROSEMI-UM9552 Datasheet
105Kb / 4P
   PIN DIODE ATTENUATOR
logo
Merrimac Industries, In...
AEF-35A-500 MERRIMAC-AEF-35A-500 Datasheet
94Kb / 1P
   PIN DIODE ATTENUATOR
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816_15 Datasheet
326Kb / 6P
   Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com