Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS19_20_21 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAS19_20_21
Description  General purpose diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS19_20_21 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAS19_20_21_15 Datasheet HTML 2Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 3Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 4Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 5Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 6Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 7Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 8Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 9Page - NXP Semiconductors BAS19_20_21_15 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2003 Mar 20
6
NXP Semiconductors
Product data sheet
General purpose diodes
BAS19; BAS20; BAS21
Fig.5
Reverse current as a function of junction
temperature.
handbook, halfpage
102
10
200
0
MBG381
100
Tj (
oC)
IR
(
µA)
1
10 2
10
1
(1)
(2)
(1) VR = VRmax; maximum values.
(2) VR = VRmax; typical values.
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj = 25 °C.
handbook, halfpage
04
8
6
2
1.0
0.8
0.2
0.6
0.4
MBG447
VR (V)
Cd
(pF)
Fig.7
Maximum permissible continuous reverse
voltage as a function of the ambient
temperature.
(1) BAS21.
(2) BAS20.
(3) BAS19.
handbook, halfpage
0
100
200
300
200
0
100
MBG445
Tamb (
oC)
VR
(V)
(1)
(2)
(3)


Similar Part No. - BAS19_20_21_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS19-7 DIODES-BAS19-7 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19-7-F DIODES-BAS19-7-F Datasheet
362Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 18 - 2
BAS19-7-F DIODES-BAS19-7-F Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
BAS19-7-F DIODES-BAS19-7-F Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
BAS19-7-F DIODES-BAS19-7-F Datasheet
90Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19_20_21_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com