Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21AVD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAS21AVD
Description  High-voltage switching diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21AVD Datasheet(HTML) 4 Page - NXP Semiconductors

  BAS21AVD_15 Datasheet HTML 1Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 2Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 3Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 4Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 5Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 6Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 7Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 8Page - NXP Semiconductors BAS21AVD_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NXP Semiconductors
BAS21AVD
High-voltage switching diodes
BAS21AVD
All information provided in this document is subject to legal disclaimers.
© NXP N.V. 2013. All rights reserved
Product data sheet
1 August 2013
4 / 11
600
IF
(mA)
0
200
400
mbg384
0
2
1
VF (V)
(1)
(3)
(2)
(1) Tj = 150 °C; typical values
(2) Tj = 25 °C; typical values
(3) Tj = 25 °C; maximum values
Fig. 1. Forward current as a function of forward
voltage
10
1
10
103
102
102
104
105
1
mle165
tp (µA)
IFSM
(A)
Based on square wave currents.
Tj(init) = 25 °C
Fig. 2. Non-repetitive peak forward current as a
function of pulse duration; maximum values
mbg381
200
0
100
Tj (°C)
10
IR
(µA)
1
10- 2
102
10- 1
(1)
(2)
(1) VR = VRmax; maximum values
(2) VR = VRmax; typical values
Fig. 3. Reverse current as a function of junction
temperature
0
10
VR (V)
Cd
(pF)
20
40
0.6
0.5
0.3
0.2
0.4
30
mle166
f = 1 MHz; Tj = 25 °C
Fig. 4. Diode capacitance as a function of reverse
voltage; typical values


Similar Part No. - BAS21AVD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Nexperia B.V. All right...
BAS21AVD NEXPERIA-BAS21AVD Datasheet
666Kb / 11P
   High-voltage switching diodes
1 August 2013
More results

Similar Description - BAS21AVD_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
   HIGH VOLTAGE SWITCHING DIODES
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
   HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
   High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
   High Voltage Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS21H BILIN-BAS21H Datasheet
184Kb / 3P
   High Voltage Switching Diodes
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21W PHILIPS-BAS21W_15 Datasheet
76Kb / 11P
   High-voltage switching diodes
Rev. 01-9 October 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com