Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54CV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAT54CV
Description  Two Schottky barrier double diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54CV Datasheet(HTML) 5 Page - NXP Semiconductors

  BAT54CV_15 Datasheet HTML 1Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 2Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 3Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 4Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 5Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 6Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 7Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 8Page - NXP Semiconductors BAT54CV_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BAT54CV
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 15 November 2010
5 of 10
NXP Semiconductors
BAT54CV
Two Schottky barrier double diodes
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Tamb =25 °C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
010
20
30
0
5
10
15
VR (V)
Cd
(pF)
msa891
Fig 4.
Package outline BAT54CV (SOT666)
Dimensions in mm
04-11-08
1.7
1.5
1.7
1.5
1.3
1.1
1
0.18
0.08
0.27
0.17
0.5
pin 1 index
12
3
4
5
6
0.6
0.5
0.3
0.1


Similar Part No. - BAT54CV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54CV NXP-BAT54CV Datasheet
103Kb / 9P
   Two Schottky barrier double diodes in ultra small SOT666 package
Rev. 02-15 January 2010
logo
Rectron Semiconductor
BAT54CV RECTRON-BAT54CV Datasheet
633Kb / 5P
   SCHOTTKY BARRIER DIODE
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
More results

Similar Description - BAT54CV_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAT54CV NEXPERIA-BAT54CV Datasheet
194Kb / 8P
   Two Schottky barrier double diodes
27 December 2022
logo
NXP Semiconductors
BAT120 PHILIPS-BAT120_03 Datasheet
57Kb / 7P
   Schottky barrier double diodes
2003 Aug 04
BAT140 PHILIPS-BAT140 Datasheet
71Kb / 8P
   Schottky barrier double diodes
1997 Oct 03
BAT54 PHILIPS-BAT54 Datasheet
48Kb / 8P
   Schottky barrier double diodes
2002 Mar 04
BAT854W PHILIPS-BAT854W Datasheet
56Kb / 8P
   Schottky barrier (double) diodes
2001 Feb 27
BAT754 NXP-BAT754 Datasheet
204Kb / 7P
   Schottky barrier (double) diodes
2003 Mar 25
BAT160 PHILIPS-BAT160_15 Datasheet
192Kb / 7P
   Schottky barrier double diodes
1999 Sep 20
BAT721 PHILIPS-BAT721 Datasheet
48Kb / 8P
   Schottky barrier double diodes
1999 May 06
BAT160 PHILIPS-BAT160 Datasheet
52Kb / 8P
   Schottky barrier double diodes
1999 Sep 20
BAT754 PHILIPS-BAT754 Datasheet
47Kb / 8P
   Schottky barrier double diodes
1999 Aug 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com