Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1240BESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1240BESA
Description  2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1240BESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1240BESA Datasheet HTML 1Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 2Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 3Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 4Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 5Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 6Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 7Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 8Page - Maxim Integrated Products MAX1240BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
VDD = 3.6V
+2.7V, Low-Power,
12-Bit Serial ADCs in 8-Pin SO
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1240); VDD = +2.7V to +5.25V (MAX1241); 73ksps, fSCLK = 2.1MHz (50% duty cycle); MAX1240—4.7µF
capacitor at REF pin, MAX1241—external reference; VREF = 2.500V applied to REF pin; TA = TMIN to TMAX; unless otherwise noted.)
Note 1: Tested at VDD = +2.7V.
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range and
offset have been calibrated.
Note 3: MAX1240—internal reference, offset nulled; MAX1241—external reference (VREF = +2.500V), offset nulled.
Note 4: External load should not change during conversion for specified accuracy.
Note 5: Guaranteed by design. Not subject to production testing.
Note 6: Measured as [VFS(2.7V) - VFS(VDD(MAX)].
Note 7: To guarantee acquisition time, tACQ is the maximum time the device takes to acquire the signal, and is also the minimum
time needed for the signal to be acquired.
SCLK Pulse Width Low
tCL
200
ns
SCLK Pulse Width High
tCH
200
ns
SCLK Clock Frequency
fSCLK
0
2.1
MHz
CS Rise to Output Disable
tTR
240
ns
SCLK Low to CS Fall Setup Time
tCS0
50
ns
DOUT Rise to SCLK Rise (Note 5)
tSTR
0
ns
CS Pulse Width
tCS
240
ns
Figure 2, CLOAD = 50pF
CS Fall to Output Enable
tDV
240
ns
Figure 1, CLOAD = 50pF
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Acquisition Time
tACQ
1.5
µs
CS = VDD (Note 6)
TIMING CHARACTERISTICS (Figure 8)
(VDD = +2.7V to +3.6V (MAX1240); VDD = +2.7V to +5.25V (MAX1241); TA = TMIN to TMAX, unless otherwise noted.)
PARAMETERS
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
2.7
3.6
MAX1240
2.7
5.25
MAX1241
VDD
Supply Voltage
V
±0.3
(Note 5)
PSR
Supply Rejection
mV
20
240
SCLK Fall to Output Data Valid
tDO
20
200
ns
Figure 1,
CLOAD = 50pF
MAX124_ _C/E
MAX124_ _M
1.4
2.0
Operating
mode
1.6
2.5
VDD = 3.6V
3.5
15
VDD = 5.25V
VDD = 3.6V
VDD = 5.25V
IDD
1.9
10
Power-down, digital inputs
at 0V or VDD
1.4
3.5
µA
0.9
1.5
VDD = 3.6V
MAX1240C
MAX1241A/B
Supply Current
MAX1240A/B
mA
1.6
3.8
VDD = 3.6V
VDD = 5.25V
0.9
2.8
MAX1241C
POWER REQUIREMENTS


Similar Part No. - MAX1240BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240BESA++ MAXIM-MAX1240BESA+ Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240BESA++ MAXIM-MAX1240BESA+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240BESA/V++ MAXIM-MAX1240BESA/V+ Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
More results

Similar Description - MAX1240BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1242 MAXIM-MAX1242 Datasheet
158Kb / 12P
   2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
19-1156; Rev 2; 6/98
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
MAX1110 MAXIM-MAX1110_11 Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com