Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54W Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAT54W
Description  Schottky barrier diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54W Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BAT54W_15 Datasheet HTML 2Page - NXP Semiconductors BAT54W_15 Datasheet HTML 3Page - NXP Semiconductors BAT54W_15 Datasheet HTML 4Page - NXP Semiconductors BAT54W_15 Datasheet HTML 5Page - NXP Semiconductors BAT54W_15 Datasheet HTML 6Page - NXP Semiconductors BAT54W_15 Datasheet HTML 7Page - NXP Semiconductors BAT54W_15 Datasheet HTML 8Page - NXP Semiconductors BAT54W_15 Datasheet HTML 9Page - NXP Semiconductors BAT54W_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BAT54W_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 20 November 2012
6 of 11
NXP Semiconductors
BAT54W series
Schottky barrier diodes
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 5.
Package outline SOT323 (SC-70)
04-11-04
Dimensions in mm
0.45
0.15
1.1
0.8
2.2
1.8
2.2
2.0
1.35
1.15
1.3
0.4
0.3
0.25
0.10
12
3
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAT54W series
SOT323
4 mm pitch, 8 mm tape and reel
-115
-135


Similar Part No. - BAT54W_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAT54W SECOS-BAT54W_15 Datasheet
118Kb / 2P
   Surface Mount Schottky Barrier Diode
logo
SHENZHEN YONGERJIA INDU...
BAT54W WINNERJOIN-BAT54W_15 Datasheet
199Kb / 3P
   SCHOTTKY DIODE
logo
Vishay Siliconix
BAT54W VISHAY-BAT54W_15 Datasheet
76Kb / 5P
   Small Signal Schottky Diode
Rev. 1.5, 27-Feb-13
logo
Diodes Incorporated
BAT54W DIODES-BAT54W_15 Datasheet
201Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Unisonic Technologies
BAT54W UTC-BAT54W_15 Datasheet
186Kb / 3P
   SCHOTTKY BARRIER DIODES
More results

Similar Description - BAT54W_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com