Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAP70-02 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAP70-02
Description  Silicon PIN diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP70-02 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAP70-02_15 Datasheet HTML 1Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 2Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 3Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 4Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 5Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 6Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 7Page - NXP Semiconductors BAP70-02_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BAP70-02
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 7 — 16 April 2014
2 of 8
NXP Semiconductors
BAP70-02
Silicon PIN diode
5.
Limiting values
6.
Thermal characteristics
7.
Characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
continuous voltage
-
50
V
IF
forward current
continuous current
-
100
mA
Ptot
total power dissipation
Tsp =90 C
-
415
mW
Tstg
storage temperature
65
+150
C
Tj
junction temperature
65
+150
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-sp)
thermal resistance from junction
to solder point
145
K/W
Table 6.
Characteristics
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =50mA
-
0.9
1.1
V
IR
reverse current
VR = 50 V
-
-
100
nA
Cd
diode capacitance
see Figure 1; f = 1 MHz;
VR =0V
-
570
-
fF
VR =1V
-
400
-
fF
VR =5V
-
270
-
fF
VR = 20 V
-
200
250
fF
rD
diode forward resistance
see Figure 2; f = 100 MHz;
IF = 0.5 mA
-
77
100
IF =1mA
-
40
50
IF =10mA
-
5.4
7
IF =100 mA
-
1.4
1.9
L
charge carrier life time
when switched from IF =10 mA to
IR =6mA; RL = 100 ; measured at
IR =3mA
-1.25
-
s
LS
series inductance
IF = 100 mA; f = 100 MHz
-
0.6
-
nH


Similar Part No. - BAP70-02_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BAP70-02_N JMNIC-BAP70-02_N_15 Datasheet
236Kb / 6P
   Silicon PIN diode
BAP70-02_N_2015 JMNIC-BAP70-02_N_2015 Datasheet
236Kb / 6P
   Silicon PIN diode
More results

Similar Description - BAP70-02_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV3700LT1 LRC-MMBV3700LT1 Datasheet
57Kb / 2P
   Silicon Pin Diode
logo
NXP Semiconductors
BAP70-02 PHILIPS-BAP70-02 Datasheet
53Kb / 8P
   Silicon PIN diode
2002 Aug 06
BAP1321-01 PHILIPS-BAP1321-01 Datasheet
75Kb / 7P
   Silicon PIN diode
2001 Nov 01
logo
Siemens Semiconductor G...
BA886 SIEMENS-BA886 Datasheet
26Kb / 2P
   Silicon PIN Diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
   Silicon PIN diode
2004 Feb 17
logo
Vishay Siliconix
S391D VISHAY-S391D Datasheet
45Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
S392D VISHAY-S392D Datasheet
46Kb / 3P
   Silicon PIN Diode
Rev. 2, 09-Apr-99
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
   Silicon PIN diode
logo
NXP Semiconductors
BAP64-02 PHILIPS-BAP64-02 Datasheet
53Kb / 8P
   Silicon PIN diode
1999 Sep 21
logo
Quanzhou Jinmei Electro...
BAP70-05_2015 JMNIC-BAP70-05_2015 Datasheet
55Kb / 7P
   Silicon PIN diode
BAP1321-02_2015 JMNIC-BAP1321-02_2015 Datasheet
73Kb / 8P
   Silicon PIN diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com