Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1203BEAP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1203BEAP
Description  5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1203BEAP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1203BEAP Datasheet HTML 6Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 7Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 8Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 9Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 10Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 11Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 12Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 13Page - Maxim Integrated Products MAX1203BEAP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
5V, 8-Channel, Serial, 12-Bit ADCs
with 3V Digital Interface
10
______________________________________________________________________________________
Track/Hold
The T/H enters tracking mode on the falling clock edge
after the fifth bit of the 8-bit control word is shifted in. The
T/H enters hold mode on the falling clock edge after the
eighth bit of the control word is shifted in. IN- is con-
nected to GND if the converter is set up for single-ended
inputs, and the converter samples the “+” input. IN- con-
nects to the “-” input if the converter is set up for differen-
tial inputs, and the difference of
|N+ - IN- is sampled.
The positive input connects back to IN+, at the end of
the conversion, and CHOLD charges to the input signal.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
acquisition time increases and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time needed for the
signal to be acquired. It is calculated by the following:
tACQ = 9 x (RS + RIN) x 16pF
where RIN = 9kΩ, RS = the source impedance of the
input signal, and tACQ is never less than 1.5µs. Source
impedances below 1k
Ω do not significantly affect the
ADC’s AC performance. Higher source impedances can
be used if an input capacitor is connected to the analog
inputs, as shown in Figure 5. Note that the input capaci-
tor forms an RC filter with the input source impedance,
limiting the ADC’s signal bandwidth.
Figure 5. Quick-Look Circuit
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
GND
CSWITCH
TRACK
T/H
SWITCH
9k
RIN
CHOLD
HOLD
12-BIT CAPACITIVE DAC
REF
ZERO
COMPARATOR
+
16pF
SINGLE-ENDED MODE: IN+ = CHO–CH7, IN- = GND.
DIFFERENTIAL MODE:
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, CH6/CH7.
0.1µF
4.7µF
VDD
GND
VSS
CS
SCLK
DIN
DOUT
SSTRB
SHDN
+3V
N.C.
0.01µF
CH7
VL
REFADJ
+2.5V
REFERENCE
REF
C2
0.01µF
C1
4.7µF
+2.5V
**
0V TO
4.096V
ANALOG
INPUT
0.1µF
+3V
OSCILLOSCOPE
CH1
CH2
CH3
CH4
*FULL-SCALE ANALOG INPUT, CONVERSION RESULT = $FFF (HEX).
**REQUIRED FOR MAX1203 ONLY.
MAX1202
MAX1203
+5V
2MHz
OSCILLATOR
SCLK
SSTRB
DOUT*
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX1203BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1203BEAP++ MAXIM-MAX1203BEAP+ Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
More results

Similar Description - MAX1203BEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1204 MAXIM-MAX1204_12 Datasheet
236Kb / 23P
   5V, 8-Channel, Serial, 10-Bit ADC with 3V Digital Interface
Rev 1; 1/12
MAX1204 MAXIM-MAX1204 Datasheet
170Kb / 24P
   5v, 8-cHANNEL, sERIAL, 10-bIT adc WITH 3v dIGITAL iNTERFACE
19-1179; Rev 0; 1/97
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com