Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-11236 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-11236
Description  Low Noise, High Linearity Amplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-11236 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-11236_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALM-11236_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Part Number Ordering Information
Part Number
No. of Devices
Container
ALM-11236-TR1G
1000
13” Reel
ALM-11236-BLKG
100
antistatic bag
PCB Layout and Stencil Design
Note :
1. Recommended Land Pattern & Stencil Opening.
2. Stencil thickness is 0.1 mm (4 mils)
3. All dimension are in MM unless otherwise specied
Metal
Soldermask Open
Stencil Opening
Land Pattern
Combination of Land Pattern and Stencil Opening
9.765
0.845 (pitch)
3.65
0.47
0.20
9.795
8.10
0.845 (pitch)
0.50
Pin 1
0.845
Pin 1
Pin 1


Similar Part No. - ALM-11236_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11236-BLKG AVAGO-ALM-11236-BLKG Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
ALM-11236-TR1G AVAGO-ALM-11236-TR1G Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module with Fail-Safe Bypass Feature
More results

Similar Description - ALM-11236_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALM-11336 AVAGO-ALM-11336_15 Datasheet
391Kb / 12P
   Low Noise, High Linearity Amplifier Module
logo
Filtronic Compound Semi...
FPM2750QFN FILTRONIC-FPM2750QFN Datasheet
418Kb / 8P
   LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com