Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1283BCUE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1283BCUE
Description  300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1283BCUE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1283BCUE Datasheet HTML 6Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 7Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 8Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 9Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 10Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 11Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 12Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 13Page - Maxim Integrated Products MAX1283BCUE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
300ksps/400ksps, Single-Supply, 4-Channel,
Serial 12-Bit ADCs with Internal Reference
10
______________________________________________________________________________________
Pin Description
Positive Supply Voltage
VDD2
16
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, connect REFADJ to VDD1.
REFADJ
9
Serial Strobe Output. SSTRB pulses high for one clock period before the MSB decision. High impedance
when CS is high.
SSTRB
12
Serial-Data Input. Data is clocked in at SCLK’s rising edge.
DIN
13
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT and
SSTRB are high impedance.
CS
14
Serial-Clock Input. Clocks data in and out of serial interface and sets the conversion speed. (Duty cycle
must be 40% to 60%.)
SCLK
15
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion. In
internal reference mode, the reference buffer provides a 2.500V nominal output, externally adjustable at
REFADJ. In external reference mode, disable the internal buffer by pulling REFADJ to VDD1.
REF
8
Ground
GND
10
Serial-Data Output. Data is clocked out at SCLK’s rising edge. High impedance when CS is high.
DOUT
11
Active-Low Shutdown Input. Pulling SHDN low shuts down the device, reducing supply current to 2µA (typ).
SHDN
7
Ground Reference for Analog Inputs. COM sets zero-code voltage in single-ended mode. Must be
stable to ±0.5LSB.
COM
6
PIN
Positive Supply Voltage
VDD1
1
FUNCTION
NAME
VDD2
3k
GND
DOUT
CLOAD
50pF
CLOAD
50pF
GND
3k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
VDD2
3k
GND
DOUT
CLOAD
70pF
CLOAD
20pF
GND
3k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
Sampling Analog Inputs
CH0–CH3
2–5


Similar Part No. - MAX1283BCUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX128 MAXIM-MAX128 Datasheet
124Kb / 16P
   Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
19-4773; Rev 0; 7/98
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1283BCUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
   300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1084 MAXIM-MAX1084 Datasheet
235Kb / 16P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
19-1686; Rev 0; 5/00
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
   300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com