Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1243BMJA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1243BMJA
Description  2.7V to %.25V, Low-Power, 10-Bit Serial ADCs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1243BMJA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1243BMJA Datasheet HTML 4Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 5Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 6Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 7Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 8Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 9Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 10Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 11Page - Maxim Integrated Products MAX1243BMJA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
+2.7V to +5.25V, Low-Power, 10-Bit
Serial ADCs in SO-8
10
______________________________________________________________________________________
External Clock
The actual conversion does not require the external
clock. This allows the conversion result to be read back
at the µP’s convenience at any clock rate up to
2.1MHz. The clock duty cycle is unrestricted if each
clock phase is at least 200ns. Do not run the clock
while a conversion is in progress.
Timing and Control
Conversion-start and data-read operations are con-
trolled by the CS and SCLK digital inputs. The timing
diagrams of Figures 8 and 9 outline serial-interface
operation.
A CS falling edge initiates a conversion sequence: the
T/H stage holds the input voltage, the ADC begins to
convert, and DOUT changes from high impedance to
logic low. SCLK must be kept low during the conver-
sion. An internal register stores the data when the con-
version is in progress.
EOC is signaled by DOUT going high. DOUT’s rising
edge can be used as a framing signal. SCLK shifts the
data out of this register any time after the conversion is
complete. DOUT transitions on SCLK’s falling edge.
The next falling clock edge produces the MSB of the
conversion at DOUT, followed by the remaining bits.
Since there are 10 data bits, two sub-bits, and one
leading high bit, at least 13 falling clock edges are
needed to shift out these bits. Extra clock pulses occur-
ring after the conversion result has been clocked out,
and prior to a rising edge of CS, produce trailing zeros
at DOUT and have no effect on converter operation.
For minimum cycle time, use DOUT’s rising edge as
the EOC signal and then clock out the data with 10.5
clock cycles at full speed (Figure 8b). Pull CS high after
reading the conversion’s LSB. After the specified mini-
mum time, tCS, pull CS low again to initiate the next
conversion.
Output Coding and Transfer Function
The data output from the MAX1242/MAX1243 is binary.
Figure 10 depicts the nominal transfer function. Code
transitions occur halfway between successive-integer
LSB values. If VREF = 2.5V, then 1LSB = 2.44mV or
2.5V / 1024.
__________Applications Information
Connection to Standard Interfaces
The MAX1242/MAX1243 serial interface is fully compat-
ible with SPI, QSPI, and Microwire standard serial inter-
faces (Figure 11).
CS
SCLK
DOUT
I/O
SCK
MISO
+3V
SS
a) SPI
CS
SCLK
DOUT
CS
SCK
MISO
+3V
SS
b) QSPI
MAX1242
MAX1243
MAX1242
MAX1243
MAX1242
MAX1243
CS
SCLK
DOUT
I/O
SK
SI
c) MICROWIRE
Figure 11. Common Serial-Interface Connections to the
MAX1242/MAX1243
Figure 10. Unipolar Transfer Function, Full Scale (FS) =
VREF - 1LSB, Zero Scale (ZS) = GND
11
…111
11
…110
11
…101
00
…011
00
…010
00
…001
00
…000
0
1
2
FS
OUTPUT CODE
FS - 3/2LSB
INPUT VOLTAGE (LSB)
FS = VREF - 1LSB
1LSB =
VREF
1024
FULL-SCALE
TRANSITION
3


Similar Part No. - MAX1243BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1243BCPA++ MAXIM-MAX1243BCPA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1243BCSA++ MAXIM-MAX1243BCSA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1243BEPA++ MAXIM-MAX1243BEPA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1243BESA++ MAXIM-MAX1243BESA+ Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
More results

Similar Description - MAX1243BMJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1242 MAXIM-MAX1242_V01 Datasheet
171Kb / 13P
   2.7V to 5.25V, Low-Power, 10-Bit Serial ADCs in SO-8
2012
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX148 MAXIM-MAX148 Datasheet
221Kb / 24P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 2; 5/98
MAX148_V5 MAXIM-MAX148_V5 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 5; 1/12
MAX148 MAXIM-MAX148_V01 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
2012
MAX148 MAXIM-MAX148_09 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 3; 5/09
MAX148 MAXIM-MAX148_10 Datasheet
2Mb / 23P
   2.7V to 5.25V, Low-Power, 8-Channel, Serial 10-Bit ADCs
Rev 4; 1/10
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com