Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1246BMJE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1246BMJE
Description  2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1246BMJE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1246BMJE Datasheet HTML 4Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 5Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 6Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 7Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 8Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 9Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 10Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 11Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
+2.7V, Low-Power, 4-Channel,
Serial 12-Bit ADCs in QSOP-16
8
_______________________________________________________________________________________
NAME
FUNCTION
1
VDD
Positive Supply Voltage
2–5
CH0–CH3
Sampling Analog Inputs
PIN
6
COM
Ground reference for analog inputs. COM sets zero-code voltage in single-ended mode. Must be
stable to ±0.5LSB.
7
SHDN
Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1246/MAX1247 down; otherwise, they
are fully operational. Pulling SHDN high puts the reference-buffer amplifier in internal compensation
mode. Letting SHDN float puts the reference-buffer amplifier in external compensation mode.
12
DOUT
Serial Data Output. Data is clocked out at SCLK’s falling edge. High impedance when CS is high.
11
DGND
Digital Ground
10
AGND
Analog Ground
8
VREF
Reference-Buffer Output/ADC Reference Input. Reference voltage for analog-to-digital conversion.
In internal reference mode (MAX1246 only), the reference buffer provides a 2.500V nominal output,
externally adjustable at REFADJ. In external reference mode, disable the internal buffer by pulling
REFADJ to VDD.
16
SCLK
Serial Clock Input. Clocks data in and out of serial interface. In external clock mode, SCLK also sets
the conversion speed. (Duty cycle must be 40% to 60%.)
15
CS
Active-Low Chip Select. Data will not be clocked into DIN unless CS is low. When CS is high, DOUT is
high impedance.
14
DIN
Serial Data Input. Data is clocked in at SCLK’s rising edge.
13
SSTRB
Serial Strobe Output. In internal clock mode, SSTRB goes low when the MAX1246/MAX1247 begin the
A/D conversion, and goes high when the conversion is finished. In external clock mode, SSTRB pulses
high for one clock period before the MSB decision. High impedance when CS is high (external clock
mode).
______________________________________________________________Pin Description
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) High-Z to VOH and VOL to VOH
b) High-Z to VOL and VOH to VOL
VDD
6k
DGND
DOUT
CLOAD
50pF
CLOAD
50pF
DGND
6k
DOUT
a) VOH to High-Z
b) VOL to High-Z
Figure 1. Load Circuits for Enable Time
Figure 2. Load Circuits for Disable Time
9
REFADJ
Input to the Reference-Buffer Amplifier. To disable the reference-buffer amplifier, tie REFADJ to VDD.


Similar Part No. - MAX1246BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVKIT-QSOP MAXIM-MAX1246EVKIT-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVL11-QSOP MAXIM-MAX1246EVL11-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
More results

Similar Description - MAX1246BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com