Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1246BMJE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1246BMJE
Description  2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1246BMJE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1246BMJE Datasheet HTML 1Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 2Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 3Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 4Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 5Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 6Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 7Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 8Page - Maxim Integrated Products MAX1246BMJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
+2.7V, Low-Power, 4-Channel,
Serial 12-Bit ADCs in QSOP-16
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V (MAX1246); VDD = +2.7V to +5.25V (MAX1247); COM = 0V; fSCLK = 2.0MHz; external clock (50% duty cycle);
15 clocks/conversion cycle (133ksps); MAX1246—4.7µF capacitor at VREF pin; MAX1247—external reference, VREF = 2.500 V
applied to VREF pin; TA = TMIN to TMAX; unless otherwise noted.)
V
3.0
VIH
VDD = 3.6V
DIN, SCLK, CS Input High Voltage
VDD > 3.6V, MAX1247 only
mV
±0.3
PSR
Supply Rejection (Note 10)
VDD = 2.7V to VDD(MAX), full-scale input,
external reference = 2.500V
pF
15
CIN
DIN, SCLK, CS Input Capacitance
µA
±0.01
±1
IIN
DIN, SCLK, CS Input Leakage
V
0.2
VHYST
DIN, SCLK, CS Input Hysteresis
V
0.8
VIL
DIN, SCLK, CS Input Low Voltage
2.0
µA
±4.0
IS
SHDN Input Current
V
0.4
VSL
SHDN Input Low Voltage
V
VDD - 0.4
VSH
SHDN Input High Voltage
SHDN = 0V or VDD
nA
±100
SHDN Maximum Allowed
Leakage, Mid Input
V
VDD / 2
VFLT
SHDN Voltage, Floating
SHDN = FLOAT
SHDN = FLOAT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
(Note 7)
VIN = 0V or VDD
VDD ≤ 3.6V
IDD
CONDITIONS
Positive Supply Current, MAX1246
µA
1.2
2.0
µA
±0.01
±10
IL
Three-State Leakage Current
V
VDD - 0.5
VOH
Output Voltage High
V
0.8
VOL
Output Voltage Low
0.4
2.70
3.60
pF
15
COUT
Three-State Output Capacitance
MAX1246
CS = VDD (Note 7)
CS = VDD
ISOURCE = 0.5mA
ISINK = 16mA
ISINK = 5mA
V
2.70
5.25
VDD
Positive Supply Voltage
MAX1247
0.9
1.5
Operating mode,
full-scale input
30
70
VDD = 5.25V
VDD = 3.6V
3.5
15
VDD = 5.25V
VDD = 3.6V
1.2
10
Full power-down
mA
1.8
2.5
30
70
1.2
10
Operating mode, full-scale input
Fast power-down
Full power-down
mA
V
1.1
VDD - 1.1
VSM
SHDN Input Mid Voltage
Fast power-down
IDD
µA
Positive Supply Current, MAX1247
DIGITAL INPUTS (DIN, SCLK, CS, SHDN)
DIGITAL OUTPUTS (DOUT, SSTRB)
POWER REQUIREMENTS


Similar Part No. - MAX1246BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246EVKIT MAXIM-MAX1246EVKIT Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVKIT-QSOP MAXIM-MAX1246EVKIT-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246EVL11-QSOP MAXIM-MAX1246EVL11-QSOP Datasheet
116Kb / 8P
   Convenient On-Board Test Points
Rev 1; 6/97
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
More results

Similar Description - MAX1246BMJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1248 MAXIM-MAX1248 Datasheet
242Kb / 24P
   2.7V to 5.25V, Low-Power, 4-Channel, Serial 10-Bit ADCs in QSOP-16
Rev 2; 5/98
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX144 MAXIM-MAX144 Datasheet
240Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Rev 0; 11/98
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com