Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2825 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-2825
Description  Surface Mount RF Schottky Barrier Diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-2825 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-2825 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMS-2825 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HSMS-282x
Surface Mount RF Schottky Barrier Diodes
Data Sheet
Package Lead Code Identification,
SOT-23/SOT-143 (Top View)
Package Lead Code Identification, SOT-323
(Top View)
Package Lead Code Identification, SOT-363
(Top View)
Description/Applications
These Schottky diodes are specifically designed for both
analog and digital applications. This series offers a wide
range of specifications and package configurations to
give the designer wide flexibility. Typical applications of
these Schottky diodes are mixing, detecting, switching,
sampling, clamping, and wave shaping. The HSMS‑282x
series of diodes is the best all‑around choice for most
applications, featuring low series resistance, low forward
voltage at all current levels and good RF characteristics.
Note that Avago’s manufacturing techniques assure that
dice found in pairs and quads are taken from adjacent
sites on the wafer, assuring the highest degree of match.
Features
Low Turn‑On Voltage (As Low as 0.34 V at 1 mA)
Low FIT (Failure in Time) Rate*
Six‑sigma Quality Level
Single, Dual and Quad Versions
Unique Configurations in Surface Mount SOT‑363 Package
– increase flexibility
– save board space
– reduce cost
HSMS‑282K Grounded Center Leads Provide up to 10
dB Higher Isolation
Matched Diodes for Consistent Performance
Better Thermal Conductivity for Higher Power Dissipation
Lead‑free Option Available
* For more information see the Surface Mount Schottky Reliability
Data Sheet.
COMMON
CATHODE
#4
UNCONNECTED
PAIR
#5
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
1
2
3
1
2
3
4
RING
QUAD
#7
1
2
3
4
BRIDGE
QUAD
#8
1
2
3
4
CROSS-OVER
QUAD
#9
1
2
3
4
1
2
3
1
2
3
1
2
3
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
COMMON
CATHODE QUAD
M
UNCONNECTED
TRIO
L
BRIDGE
QUAD
P
COMMON
ANODE QUAD
N
RING
QUAD
R
1
2
3
6
5
4
HIGH ISOLATION
UNCONNECTED PAIR
K
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4


Similar Part No. - HSMS-2825

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2825 HP-HSMS-2825 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2825 AVAGO-HSMS-2825 Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
logo
Broadcom Corporation.
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
logo
Agilent(Hewlett-Packard...
HSMS-2825-BLK HP-HSMS-2825-BLK Datasheet
209Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825-BLK HP-HSMS-2825-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
More results

Similar Description - HSMS-2825

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com