Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-633P8 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-633P8
Description  Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-633P8 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-633P8_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-633P8_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
Product Consistency Distribution Charts[1, 2]
Figure 1. Id @ 900MHz, 5V, 54mA
Mean = 54
Figure 3. OIP3 @ 900MHz, 5V, 54mA
Mean = 37
Notes:
1. Distribution data samples are 500 samples taken from 3 different wafers. Future wafers allocated to this product may have nominal values anywhere
between the upper and lower limits.
2. Circuit Losses have not been de-embedded from the actual measurements.
Figure 2. Noise Figure @ 900MHz, 5V, 54mA
Mean = 0.37
Figure 4. Gain @ 900MHz, 5V, 54mA
Mean = 18
38 40 42 44 46 48 50 52 54 56 58 60 62 64 66
USL
LSL
USL
0.3
0.4
0.5
0.6
34
35
37
36
38
39
LSL
16.5
17
17.5
17.5
18
19
19.5
USL
LSL
Id
Max:67
Min:39
Mean:54
Noise Figure
Max:0.6
Mean:0.37
OIP3
Min:34
Mean:37
Gain
Max:19.5
Min:16.5
Mean:18


Similar Part No. - MGA-633P8_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8-BLKG AVAGO-MGA-633P8-BLKG Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
MGA-633P8-TR1G AVAGO-MGA-633P8-TR1G Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
More results

Similar Description - MGA-633P8_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-633P8 BOARDCOM-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8 Datasheet
188Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
MGA-632P8-TR1G AVAGO-MGA-632P8-TR1G Datasheet
631Kb / 18P
   MGA-632P8 Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-14516 BOARDCOM-MGA-14516 Datasheet
250Kb / 14P
   High Gain, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com