Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-636P8 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-636P8
Description  High Linearity Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-636P8 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-636P8_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-636P8_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
DFN2X2 Package Dimensions
Notes:
1. All dimensions are in millimeters.
2. Dimensions are inclusive of plating.
3. Dimensions are exclusive of mold ash and metal burr.
Part Number Ordering Information
Part Number
No. of Devices
Container
MGA-636P8-BLKG
100
Antistatic Bag
MGA-636P8-TR1G
3000
7 inch Reel
Typical Noise Parameters, Vdd = 4.8 V, Idd = 108 mA
Freq
GHz
Fmin
dB
Γopt
Mag.
Γopt
Ang.
Rn/50
0.5
0.472
0.078
-31.8
0.038
0.7
0.432
0.080
11.5
0.037
0.8
0.379
0.081
33.2
0.037
0.9
0.386
0.082
54.8
0.038
1.7
0.5
0.092
228
0.043
1.9
0.582
0.094
271
0.043
Notes:
1. The Fmin values are based on noise figure measurements at 100
different impedances using Focus source pull test system. From
these measurements a true Fmin is calculated.
2. Scatteringandnoiseparametersaremeasuredoncoplanarwaveguide
made on 0.010 inch thick ROGER 4350. The input reference plane is
at the end of the RFinput pin and the output reference plane is at the
end of the RFoutput pin as shown in Figure 25.
PIN 1 DOT
BY MARKING
2.00±0.10
2.00±0.10
36X
0.20 Ref.
0.00.05
0.75±0.10
0.60±0.05
Exp. DAP
0.35±0.05
0.25±0.05
1.20±0.05
Exp. DAP
1.50
Ref.
0.50 Bsc
PIN #1 IDENTIFICATION
R0.10
TOP VIEW
SIDE VIEW
BOTTOM VIEW


Similar Part No. - MGA-636P8_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-636P8-BLKG AVAGO-MGA-636P8-BLKG Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
MGA-636P8-TR1G AVAGO-MGA-636P8-TR1G Datasheet
543Kb / 14P
   High Linearity Low Noise Amplifier
More results

Similar Description - MGA-636P8_15

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
logo
RF Micro Devices
RF2442 RFMD-RF2442_06 Datasheet
201Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
RFHIC
AE608 RFHIC-AE608_14 Datasheet
396Kb / 9P
   Low-Noise High Linearity Amplifier
logo
NXP Semiconductors
BGU8053 NXP-BGU8053 Datasheet
225Kb / 16P
   Low noise high linearity amplifier
Rev. 7-17 July 2017
BGU8061 NXP-BGU8061 Datasheet
491Kb / 17P
   low-noise high-linearity amplifier
Rev. 2-27 January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com