Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-638P8 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-638P8
Description  High Linearity Low Noise Amplifi er
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-638P8 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-638P8_15 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-638P8_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Typical Performance
RF performance at TA = 25° C, Vdd = 4.8 V, Idd = 84 mA, measured using 50 ohm input and output board unless stated
otherwise. IIP3 test condition: FRF1-FRF2 = 1 MHz with input power of -10 dBm per tone.
Figure 7. Fmin vs Idd at 4.8 V at 2.5 GHz
Figure 8. Fmin vs Idd at 4.8 V at 2 GHz
Figure 9. Gain vs Idd at 4.8 V Tuned for Optimum IIP3 and Fmin at 2.5 GHz
Figure 10. Gain vs Idd at 4.8 V Tuned for Optimum IIP3 and Fmin at 2 GHz
Figure 11. IIP3 vs Idd at 4.8 V Tuned for Optimum IIP3 and Fmin at 2.5 GHz
Figure 12. IIP3 vs Idd at 4.8 V Tuned for Optimum IIP3 and Fmin at 2 GHz
0.3
0.4
0.5
0.6
0.7
0.8
0.9
60
80
84
90
100
Idd (mA)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
60
80
84
90
100
Idd (mA)
0
2
4
6
8
10
12
14
16
18
20
22
60
80
84
90
100
Idd (mA)
0
2
4
6
8
10
12
14
16
18
20
22
60
80
84
90
100
Idd (mA)
0
5
10
15
20
25
30
35
60
80
84
90
100
Idd (mA)
0
5
10
15
20
25
30
35
60
80
84
90
100
Idd (mA)


Similar Part No. - MGA-638P8_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8-BLKG AVAGO-MGA-638P8-BLKG Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
MGA-638P8-TR1G AVAGO-MGA-638P8-TR1G Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
More results

Similar Description - MGA-638P8_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-638P8 BOARDCOM-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-638P8 AVAGO-MGA-638P8 Datasheet
163Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-637P8 BOARDCOM-MGA-637P8 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-637P8 AVAGO-MGA-637P8_15 Datasheet
161Kb / 14P
   High Linearity Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-634P8 BOARDCOM-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-635P8 AVAGO-MGA-635P8 Datasheet
267Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8_15 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-634P8 AVAGO-MGA-634P8 Datasheet
259Kb / 14P
   Ultra Low Noise, High Linearity Low Noise Amplifi er
MGA-683P8 AVAGO-MGA-683P8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com