Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-645T6 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-645T6
Description  Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-645T6 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-645T6 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-645T6 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MGA-645T6 LNA Mode typical noise parameters at 25 °C, Vdd = 3V ; Id = 7mA
Freq.(GHz)
Fmin (dB)
*opt Mag
*opt Ang
Rn/50
2
0.55
0.76
67.8
0.23
2.1
0.57
0.76
71.04
0.22
2.2
0.59
0.75
74.29
0.21
2.3
0.62
0.75
77.54
0.21
2.4
0.72
0.69
79.72
0.2
2.5
0.75
0.68
82.9
0.2
2.6
0.78
0.67
86.08
0.2
2.7
0.8
0.66
89.11
0.19
2.8
0.83
0.65
92.14
0.18
2.9
0.85
0.63
95.17
0.18
3
0.88
0.62
98.2
0.17
3.1
0.91
0.61
100.88
0.16
3.2
0.95
0.6
103.56
0.16
3.3
0.98
0.59
106.24
0.15
3.4
1.02
0.58
108.92
0.14
3.5
1.06
0.57
111.6
0.14
3.6
1.09
0.56
114.08
0.13
3.7
1.12
0.56
116.56
0.13
3.8
1.15
0.55
119.04
0.12
3.9
1.18
0.55
121.52
0.12
4
1.21
0.54
124
0.11


Similar Part No. - MGA-645T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-645T6 BOARDCOM-MGA-645T6 Datasheet
291Kb / 16P
   Low Noise Amplifier with Bypass/Shutdown Mode in Low Profile Package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-645T6-TR1G AVAGO-MGA-645T6-TR1G Datasheet
291Kb / 16P
   MGA-645T6 Low Noise Amplifier with Bypass/Shutdown Mode in Low Profile Package
More results

Similar Description - MGA-645T6

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com