Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-655T6 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-655T6
Description  Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-655T6 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-655T6 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-655T6 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
Test Circuit for S Parameters Measurement
*PCB material is 10 mils Rogers RO4850.
Notes:
1. L2 and C2 form the output matching network.
2. R1&L3 is a network that isolates the measurement demoboard from
external disturbances. C4 migrate the effect of external noise pickup
on the Vdd and Vbypass lines. These components are not required in
actual operation.
3. C3 is a RF bypass capacitor.
Figure 18. S parameters test circuit on demo board
Part
Size
Value
P/N
L2
0402
1.0 nH
LLP1005Series (TOKO)
L3
0402
10.0 nH
LLP1005 Series (TOKO)
R1
0402
5.1 ohm
MCR Series (Rohm)
C2
0402
4.7 pF
C1005C0G1H4R7C (TDK)
C3
0402
4.7 pF
C1005C0G1H4R7C (TDK)
C4
0402
0.1 uF
MCH155 Series (Rohm)


Similar Part No. - MGA-655T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-655T6 BOARDCOM-MGA-655T6 Datasheet
206Kb / 14P
   Low Noise Amplifier with Bypass Mode in Low Profile Package
More results

Similar Description - MGA-655T6

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com