Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1267ACEG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1267ACEG
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1267ACEG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1267ACEG Datasheet HTML 1Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 2Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 3Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 4Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 5Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 6Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 7Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 8Page - Maxim Integrated Products MAX1267ACEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX1265/MAX1267 low-power, 12-bit analog-to-
digital converters (ADCs) feature a successive-approxi-
mation ADC, automatic power-down, fast wake-up
(2µs), an on-chip clock, +2.5V internal reference, and a
high-speed 12-bit parallel interface. They operate with
a single +2.7V to +3.6V analog supply.
Power consumption is only 5.4mW at the maximum
sampling rate of 265ksps. Two software-selectable
power-down modes enable the MAX1265/MAX1267 to
be shut down between conversions; accessing the par-
allel interface returns them to normal operation.
Powering down between conversions can reduce sup-
ply current below 10µA at lower sampling rates.
Both devices offer software-configurable analog inputs
for unipolar/bipolar and single-ended/pseudo-differen-
tial operation. In single-ended mode, the MAX1265 has
six input channels and the MAX1267 has two (three
input channels and one input channel, respectively,
when in pseudo-differential mode).
Excellent dynamic performance and low power, com-
bined with ease of use and small package size, make
these converters ideal for battery-powered and data-
acquisition applications or for other circuits with demand-
ing power-consumption and space requirements. The
MAX1265 is offered in a 28-pin QSOP package, while the
MAX1267 comes in a 24-pin QSOP. For pin-compatible
+5V, 12-bit versions, refer to the MAX1266/MAX1268
data sheet.
Applications
Industrial Control Systems
Data Logging
Energy Management
Patient Monitoring
Data-Acquisition Systems
Touch Screens
Features
o 12-Bit Resolution, ±0.5 LSB Linearity
o +3V Single-Supply Operation
o Internal +2.5V Reference
o Software-Configurable Analog Input Multiplexer
6-Channel Single Ended/
3-Channel Pseudo Differential (MAX1265)
2-Channel Single Ended/
1-Channel Pseudo Differential (MAX1267)
o Software-Configurable Unipolar/Bipolar
Analog Inputs
o Low Current
1.9mA (265ksps)
1.0mA (100ksps)
400µA (10ksps)
2µA (Shutdown)
o Internal 3MHz Full-Power Bandwidth Track/Hold
o Parallel 12-Bit Interface
o Small Footprint
28-Pin QSOP (MAX1265)
24-Pin QSOP (MAX1267)
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
________________________________________________________________ Maxim Integrated Products
1
19-2721; Rev 0; 04/03
28 QSOP
±1
0°C to +70°C
MAX1265BCEI
INL
(LSB)
±0.5
28 QSOP
PIN-PACKAGE
TEMP RANGE
0°C to +70°C
MAX1265ACEI
PART
Ordering Information
Pin Configurations
Typical Operating Circuits appear at end of data sheet.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
D10
D11
VDD
REF
REFADJ
GND
CS
COM
CH0
CH1
CH2
CH3
CH4
CH5
CLK
WR
RD
INT
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
QSOP
TOP VIEW
MAX1265
Pin Configurations continued at end of data sheet.
28 QSOP
±0.5
-40°C to +85°C
MAX1265AEEI
28 QSOP
±1
-40°C to +85°C
MAX1265BEEI
24 QSOP
±0.5
-40°C to +85°C
MAX1267AEEG
24 QSOP
±1
-40°C to +85°C
MAX1267BEEG
24 QSOP
±1
0°C to +70°C
MAX1267BCEG
±0.5
24 QSOP
0°C to +70°C
MAX1267ACEG
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX1267ACEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX126 MAXIM-MAX126 Datasheet
122Kb / 16P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX126 MAXIM-MAX126 Datasheet
379Kb / 15P
   2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX126 MAXIM-MAX126 Datasheet
276Kb / 20P
   Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1261ACEI MAXIM-MAX1261ACEI Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
More results

Similar Description - MAX1267ACEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1295 MAXIM-MAX1295 Datasheet
228Kb / 20P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1530; Rev 0; 9/99
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com