Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-13216 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-13216
Description  High Gain, High Linearity, Very Low Noise Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-13216 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-13216_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-13216_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Figure 20.
Notes: Measurements are made on 10 mils Rogers R04350 TRL Board.
Figure 20 shows the input and output reference plane for Q1.
MGA-13216 Q1 Typical Scattering Parameters, Vdd1 = 5 V, Idd1 = 53 mA
Freq
GHz
S11
S21
S12
S22
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
0.1
0.90
-16.98
37.00
157.64
0.00
48.80
0.54
-16.53
0.5
0.58
-57.10
20.73
112.16
0.01
60.00
0.34
-25.47
0.9
0.41
-78.09
13.42
89.11
0.02
63.96
0.31
-32.94
1.0
0.39
-82.31
12.28
84.68
0.02
64.17
0.30
-35.72
1.5
0.33
-100.68
8.73
65.57
0.03
63.16
0.27
-49.87
1.9
0.32
-111.98
7.10
52.31
0.03
61.03
0.24
-65.97
2.0
0.32
-114.21
6.78
49.09
0.03
60.41
0.23
-70.70
2.5
0.32
-123.78
5.58
33.68
0.04
56.77
0.22
-97.67
3.0
0.32
-131.52
4.74
18.62
0.05
52.16
0.24
-124.98
4.0
0.34
-147.74
3.62
-10.88
0.07
42.70
0.33
-170.16
5.0
0.43
-160.90
2.85
-40.35
0.09
31.33
0.43
152.86
6.0
0.46
-173.17
2.32
-73.07
0.11
15.51
0.57
108.56
7.0
0.42
164.51
1.65
-104.52
0.11
-1.13
0.75
79.33
8.0
0.49
144.57
1.15
-128.97
0.12
-12.89
0.85
66.43
9.0
0.58
135.92
0.87
-153.00
0.13
-25.90
0.88
50.13
10.0
0.59
123.84
0.68
179.70
0.14
-43.85
0.88
25.49
11.0
0.56
104.66
0.49
153.85
0.14
-61.82
0.94
3.72
12.0
0.62
95.03
0.35
133.97
0.14
-74.64
0.96
-8.28
13.0
0.61
83.60
0.24
114.00
0.13
-88.86
0.96
-9.97
14.0
0.57
77.47
0.16
101.52
0.12
-96.62
0.95
-11.26
15.0
0.69
63.81
0.13
83.57
0.13
-112.30
0.95
-22.26
16.0
0.78
48.65
0.09
58.50
0.13
-140.70
0.92
-43.28
17.0
0.77
31.46
0.07
45.20
0.11
-172.63
0.90
-59.64
18.0
0.74
-5.87
0.09
33.11
0.06
123.08
0.87
-70.19
19.0
0.35
-60.87
0.16
-30.74
0.15
-74.65
0.81
-81.91
20.0
0.40
60.14
0.15
-133.62
0.27
-168.80
0.59
-91.00
15
12
14
11
13
9
8
7
6
5
4
2
16
10
3
1
bias
LNA2
LNA1
RF input
Reference Plane
RF output
Reference Plane
MGA-13216 Q1 Typical Noise Parameters, Vdd1 = 5 V,
Idd1 = 53 mA
Freq
GHz
Fmin
dB
*opt
Mag.
*opt
Ang.
Rn/50
1.50
0.51
0.214
58.2
0.0398
1.70
0.52
0.228
93.1
0.0472
1.95
0.61
0.244
112.0
0.0356
2.00
0.59
0.268
119.1
0.0430
2.20
0.58
0.242
141.0
0.0320
2.50
0.62
0.211
159.6
0.0376
2.70
0.66
0.259
-179.0
0.034
2.90
0.75
0.238
178.8
0.0438


Similar Part No. - MGA-13216_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216-BLKG AVAGO-MGA-13216-BLKG Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216-TR1G AVAGO-MGA-13216-TR1G Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
More results

Similar Description - MGA-13216_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13216 BOARDCOM-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 AVAGO-MGA-13116_15 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
MGA-13316 AVAGO-MGA-13316_15 Datasheet
398Kb / 11P
   High Gain, High Linearity Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13316 BOARDCOM-MGA-13316 Datasheet
1Mb / 16P
   High Gain, High Linearity Low Noise Amplifier
logo
RF Micro Devices
RFLA2018 RFMD-RFLA2018 Datasheet
495Kb / 12P
   Variable Gain Low Noise High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com