Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-22003 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-22003
Description  2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-22003 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-22003_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-22003_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Table 4. Evaluation Board Pin Description
Top Pin No.
Function
1
VCC2
3
B_SPLY
5
VCC1
7
PAMOD
9
PAMOD
11
NC
13
NC
15
B_CTRL
17
NC
19
NC
Bottom Pin No. Function
2
VCC2_S
4
GND
6
GND
8
GND
10
GND
12
GND
14
B_SW
16
GND
18
GND
20
GND
Recommended turn on sequence
 Apply VCC1 and VCC2 3.3V
 Apply BSPLY 3.3V
 Apply BCTRL 2.8V
 Apply BSW 1.8V
 For HPM Apply PAMOD 1.8V for LPM Apply PAMOD 0V
 Apply RF In, not to exceed 15dBm
Typical Test Conditions:
Pin
HPM
LPM
VCC1,2
3.3V
3.3V
Supply Voltage
PAMOD
1.8V
0V
Low Power Mode
B_SPLY
3.3V
3.3V
Bias Voltage
B_CTRL
2.8V
2.8V
Bias Control
B_SW
1.8V
1.8V
PA Enable
Notes: VCC1, VCC2 and B_SPLY can be tied together to reduce supply
voltages, but B_CTRL needs to be a regulated voltage which is optimized
for 2.8V.
Evaluation Board Description
Demoboard Top Pins
Demoboard Bottom Pins


Similar Part No. - MGA-22003_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22003-BLK AVAGO-MGA-22003-BLK Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003-TR1 AVAGO-MGA-22003-TR1 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003-TR2 AVAGO-MGA-22003-TR2 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
More results

Similar Description - MGA-22003_15

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-2XX03 BOARDCOM-DEMO-MGA-2XX03 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-22003 BOARDCOM-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-22003 AVAGO-MGA-22003 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
MGA-25203 AVAGO-MGA-25203 Datasheet
207Kb / 15P
   5.1 - 5.9 GHz WiFi and WiMAX Power Amplifi er (3x3mm)
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
SiGe Semiconductor, Inc...
SE7265L SIGE-SE7265L Datasheet
142Kb / 2P
   2.3-2.7 GHz WiMAX Power Amplifier Preliminary
logo
Johanson Technology Inc...
2500AT44M0400 JOHANSON-2500AT44M0400_09 Datasheet
294Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
2500AT44M0400 JOHANSON-2500AT44M0400 Datasheet
145Kb / 3P
   WiMAX 2.3 - 2.7 GHz Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com