Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-23003 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-23003
Description  3.3-3.8 GHz WiMAX Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-23003 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-23003_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED MGA-23003_15 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
Figure43.SEMatVcc=3.3V,+85Cand3.8GHzoverVcc(2dBPost-PAlossassumed)
Figure41.SEMatVcc=3.3V,+85Cand3.6GHzoverVcc(2dBPost-PAlossassumed)
Figure42.SEMatVcc=3.3V,+85Cand3.7GHzoverVcc(2dBPost-PAlossassumed)
freq_offset (MHz)
freq_offset (MHz)
freq_offset (MHz)
WiMAX Spectrum Emission Mask, 802.16e (16QAM 3/4)
Vcc=3.3V, Freq=3.8GHz and Tambient=+85C
Spec
25dBm
24dBm
23dBm
22dBm
21dBm
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
-25 -20 -15 -10
-5
0
5
10
15
20
25
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
-25 -20 -15 -10
-5
0
5
10
15
20
25
-70
-60
-50
-40
-30
-20
-10
0
10
20
30
-25 -20 -15 -10
-5
0
5
10
15
20
25
WiMAX Spectrum Emission Mask, 802.16e (16QAM 3/4)
Vcc=3.3V, Freq=3.6GHz and Tambient=+85C
WiMAX Spectrum Emission Mask, 802.16e (16QAM 3/4)
Vcc=3.3V, Freq=3.7GHz and Tambient=+85C
Spec
25dBm
24dBm
23dBm
22dBm
21dBm
Spec
25dBm
24dBm
23dBm
22dBm
21dBm
Spec
25dBm
24dBm
23dBm
22dBm
21dBm


Similar Part No. - MGA-23003_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003-BLKG AVAGO-MGA-23003-BLKG Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-23003-TR1G AVAGO-MGA-23003-TR1G Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
More results

Similar Description - MGA-23003_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AP562 TRIQUINT-AP562_15 Datasheet
503Kb / 8P
   3.3-3.8 GHz WiMAX 8W Power Amplifier
logo
Broadcom Corporation.
MGA-23003 BOARDCOM-MGA-23003 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier (3x3mm)
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
logo
WJ Communication. Inc.
AH315 WJCI-AH315 Datasheet
321Kb / 5P
   3.3-3.8 GHz WiMAX 2W Driver Amplifier
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
logo
Tyco Electronics
MAAPSS0104 MACOM-MAAPSS0104 Datasheet
137Kb / 5P
   High Power Linear Amplifier 3.3 - 3.8 GHz
logo
Stealth Microwave, Inc.
SMTR3338-43L STEALTH_MICROWAVE-SMTR3338-43L Datasheet
148Kb / 5P
   3.3-3.8 GHz Bi-Directional Power Amplifier
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com