Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1270BEAI Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1270BEAI
Description  Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1270BEAI Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1270BEAI Datasheet HTML 5Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 6Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 7Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 8Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 9Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 10Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 11Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 12Page - Maxim Integrated Products MAX1270BEAI Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Multirange, +5V, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
9
Detailed Description
Converter Operation
The MAX1270/MAX1271 multirange, fault-tolerant ADCs
use successive approximation and internal track/hold
(T/H) circuitry to convert an analog signal to a 12-bit
digital output. Figure 3 shows the block diagram of the
MAX1270/MAX1271.
Analog-Input Track/Hold
The T/H enters tracking/acquisition mode on the falling
edge of the sixth clock in the 8-bit input control word,
and enters hold/conversion mode when the timed
acquisition interval (six clock cycles, 3µs minimum)
ends. In internal clock mode, the acquisition is timed by
two external clock cycles and four internal clock cycles.
When operating in bipolar (MAX1270 and MAX1271) or
unipolar mode (MAX1270) the signal applied at the
input channel is rescaled through the resistor-divider
network formed by R1, R2, and R3 (Figure 4); a low
impedance (<4Ω) input source is recommended to
minimize gain error. When the MAX1271 is configured
for unipolar mode, the channel input resistance (RIN)
becomes a fixed 5.12kΩ (typ). Source impedances
below 15kΩ (0 to VREF) and 5kΩ (0 to VREF/2) do not
significantly affect the AC performance of the ADC.
The acquisition time (tACQ) is a function of the source
output resistance, the channel input resistance, and the
T/H capacitance. Higher source impedances can be
used if an input capacitor is connected between the
analog inputs and AGND. Note that the input capacitor
forms an RC filter with the input source impedance, lim-
iting the ADC’s signal bandwidth.
100k
510k
24k
REFADJ
+5V
MAX1270
MAX1271
0.01
µF
CH2
CH1
CH0
SHDN
CH3
CH4
CH5
CH6
CH7
REFADJ
REF
VDD
AGND
DGND
MAX1270
MAX1271
12-BIT SAR ADC
IN
REF
CLOCK
OUT
T/H
2.5V
REFERENCE
ANALOG
INPUT
MUX
AND SIGNAL
CONDITIONING
Av =
1.638
INT
CLOCK
DIN
SSTRB
DOUT
CS
SCLK
SERIAL INTERFACE LOGIC
10k
+4.096V
0.5mA
DOUT
OR
SSTRB
+5V
a) HIGH IMPEDANCE TO VOH, VOL TO
VOH AND VOH TO HIGH IMPEDANCE
HIGH IMPEDANCE TO VOH, VOL TO
VOH AND VOH TO HIGH IMPEDANCE
b)
CLOAD
CLOAD
5mA
DOUT
OR
SSTRB
Figure 1. Reference-Adjust Circuit
Figure 3. Block Diagram
Figure 2. Output Load Circuit for Timing Characteristics


Similar Part No. - MAX1270BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270BCNG MAXIM-MAX1270BCNG Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
More results

Similar Description - MAX1270BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
MAX1032 MAXIM-MAX1032 Datasheet
724Kb / 31P
   8-/4-Channel, 짹12V Multirange Inputs, Serial 14-Bit ADCs
Rev 1; 8/06
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX187 MAXIM-MAX187 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX187 MAXIM-MAX187_V01 Datasheet
459Kb / 18P
   5V, Low-Power, 12-Bit Serial ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com