Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-65606 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-65606
Description  Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-65606 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-65606_15 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-65606_15 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
LNA Mode Plots (3.5 GHz match); Vdd = 3 V, Vbias = 2.7 V, Vsd = 0 V
Figure 14. Edwards-Sinsky Output Stability Factor(Mu) at Vdd = 3 V
Figure 15. Edwards-Sinsky Input Stability Factor(Mu’) at Vdd = 3 V
Bypass Mode Plots (3.5 GHz match); Vdd = 3 V, Vbias = 0 V, Vsd = 0 V
Figure 16. Bypass Mode Gain, Input Return Loss, Output Return Loss,
Isolation vs Frequency
Figure 17. Bypass Mode Insertion Loss vs Frequency vs Temperature
Figure 18. Bypass Mode IIP3 vs Frequency vs Temperature
Figure 19. Bypass Mode IIP3 vs Input Power
-40
-35
-30
-25
-20
-15
-10
-5
0
1.0
1.52.0
2.53.0
3.54.0
4.55.0
5.56.0
Frequency (GHz)
Input Return Loss
Output Return Loss
Gain
Isolation
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
3.0
3.23.43.63.8
4.0
Frequency (GHz)
0
5
10
15
20
25
3.0
3.23.43.63.8
4.0
Frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
-20
-15
-10
-5
0
5
Pin (dBm)
25° C
85° C
-40° C
25° C
85° C
-40° C


Similar Part No. - MGA-65606_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-65606-BLKG AVAGO-MGA-65606-BLKG Datasheet
439Kb / 14P
   Low Noise Amplifi er with switchable Bypass/Shutdown Mode in Low Profi le Package
MGA-65606-TR1G AVAGO-MGA-65606-TR1G Datasheet
439Kb / 14P
   Low Noise Amplifi er with switchable Bypass/Shutdown Mode in Low Profi le Package
MGA-65606-TR2G AVAGO-MGA-65606-TR2G Datasheet
439Kb / 14P
   Low Noise Amplifi er with switchable Bypass/Shutdown Mode in Low Profi le Package
More results

Similar Description - MGA-65606_15

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
JXWBLA-T-85-115-42 AAC-JXWBLA-T-85-115-42 Datasheet
74Kb / 1P
   Low Noise Amplifier
JXWBLA-T-880-960-15 AAC-JXWBLA-T-880-960-15 Datasheet
59Kb / 1P
   Low Noise Amplifier
JXWBLA-T-1000-3000-25 AAC-JXWBLA-T-1000-3000-25 Datasheet
36Kb / 1P
   Low Noise Amplifier
JXWBLA-T-3000-3500-45 AAC-JXWBLA-T-3000-3500-45 Datasheet
37Kb / 1P
   Low Noise Amplifier
logo
Tyco Electronics
AM50-0002V7 MACOM-AM50-0002V7 Datasheet
214Kb / 5P
   Low Noise Amplifier
logo
List of Unclassifed Man...
RGLNA10 ETC2-RGLNA10 Datasheet
44Kb / 2P
   Low Noise Amplifier
logo
American Accurate Compo...
LA1018N4020-T AAC-LA1018N4020-T Datasheet
73Kb / 1P
   Low Noise Amplifier
logo
Mini-Circuits
TAMP-1521GLN++ MINI-TAMP-1521GLN+ Datasheet
194Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com